Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF256 Datasheet(PDF) 52 Page - Silicon Storage Technology, Inc

Part # SST48CF256
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF256 Datasheet(HTML) 52 Page - Silicon Storage Technology, Inc

Back Button SST48CF256 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 56Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
52
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.24 Write Buffer - E8H
The Write Buffer command enables the host to overwrite contents of the CompactFlash Card’s sector
buffer with any data pattern desired. This command has the same protocol as the Write Sector(s)
command and transfers 512 Bytes.
3.2.1.25 Write Long Sector - 32H or 33H
This command is similar to the Write Sector(s) command except that it writes 516 Bytes instead of 512
Bytes. Only single sector Write Long operations are supported. The transfer consists of 512 Bytes of
data transferred in Word-Mode followed by 4 Bytes of ECC transferred in Byte-Mode. Because of the
unique nature of the solid-state CompactFlash card, the 4 Bytes of ECC transferred by the host may be
used by the CompactFlash card. The CompactFlash card may discard these 4 Bytes and write the
sector with valid ECC data. This command has the same protocol as the Write Sector(s) command.
Use of this command is not recommended.
Bit ->
76
54
32
10
Command (7)
E8H
C/D/H (6)
XX
X
Drive
Flag
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Completion Status
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
32H or 33H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com