Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFD4448 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CFD4448
Description  SURFACE MOUNT ULTRA HIGH SPEED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CFD4448 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CFD4448 Datasheet HTML 1Page - Central Semiconductor Corp CFD4448 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFD4448
SURFACE MOUNT
ULTRA HIGH SPEED
SILICON SWITCHING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CFD4448
is an ultra high speed switching diode ideal for
applications where very small size and operational
efficiency are prime requirements.
MARKING CODE: X
FEATURES:
• Current (IO=250mA)
• Forward Voltage Drop (VF=0.91V TYP @ 100mA)
• Extremely Fast Switching Speed (4ns Max)
• Small TLP, 1.0 x 0.6 x 0.4mm, Ultra Low Profile
Leadless Surface Mount Package.
APPLICATIONS:
• General Purpose Switching
• DC - DC Converters
• Flyback Diodes
• Polarity Protection
• Battery powered applications including
Cell Phones, Digital Cameras, Pagers,
PDAs, Laptop Computers, etc.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
120
V
Continuous Forward Current
IF
250
mA
Peak Repetitive Forward Current
IFRM
500
mA
Peak Forward Surge Current, tp=1 .0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1 .0s
IFSM
1.0
A
Power Dissipation
PD
100
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJA
1500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=50V
300
nA
IR
VR=50V, TA=125°C
100
μA
IR
VR=100V
500
nA
BVR
IR=100μA
120
150
V
VF
IF=1.0mA
0.55
0.59
0.65
V
VF
IF=10mA
0.67
0.72
0.77
V
VF
IF=100mA
0.85
0.91
1.0
V
CT
VR=0, f=1.0MHz
2.0
pF
trr
IR=IF=10mA, Irr=1.0mA, RL=100Ω
2.0
4.0
ns
SOD-882L CASE
R3 (28-September 2011)
www.centra lsemi.com


Similar Part No. - CFD4448

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFD4448 CENTRAL-CFD4448 Datasheet
358Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CFD4448 CENTRAL-CFD4448 Datasheet
1Mb / 2P
120V, 250mA Switching Diode in ultra miniature SOD-882L package
CFD4448 CENTRAL-CFD4448_15 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
More results

Similar Description - CFD4448

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMDL914T1 ZOWIE-MMDL914T1 Datasheet
47Kb / 2P
SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
logo
List of Unclassifed Man...
OLF300 ETC-OLF300 Datasheet
26Kb / 3P
High-Speed Hermetic Surface Mount Optocoupler
logo
SeCoS Halbleitertechnol...
SCS226K SECOS-SCS226K Datasheet
359Kb / 3P
Surface Mount Device Ultra High Speed Switching Diode
logo
Central Semiconductor C...
CMAD4448 CENTRAL-CMAD4448 Datasheet
149Kb / 2P
SURFACE MOUNT SILICON ULTRA HIGH SPEED SWITCHING DIODE
CFD4448 CENTRAL-CFD4448 Datasheet
358Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CMAD4448 CENTRAL-CMAD4448_10 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CFD4448 CENTRAL-CFD4448_15 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
logo
Anaren Microwave
MSK613 ANAREN-MSK613 Datasheet
204Kb / 4P
HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com