Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9488F Datasheet(PDF) 21 Page - Rohm

Part # BD9488F
Description  Boost 1channel white LED driver For large LCDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9488F Datasheet(HTML) 21 Page - Rohm

Back Button BD9488F Datasheet HTML 17Page - Rohm BD9488F Datasheet HTML 18Page - Rohm BD9488F Datasheet HTML 19Page - Rohm BD9488F Datasheet HTML 20Page - Rohm BD9488F Datasheet HTML 21Page - Rohm BD9488F Datasheet HTML 22Page - Rohm BD9488F Datasheet HTML 23Page - Rohm BD9488F Datasheet HTML 24Page - Rohm BD9488F Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Datasheet
21/36
TSZ02201-0F1F0C100040-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11.Jul.2012 Rev.001
www.rohm.com
TSZ22111
・
15
・
001
BD9488F
●
3.4.7. how to set the interval until latch off
BD9488 built in the counter by latch off time, that is performed by counting the oscillation clock which is set by the RT pin.
Since the common oscillation circuit is used for counting, the interval until latch off is corresponding to the 130k clock,
which the GATE pulse output continuously. Please refer the time chart of the operation from the detect abnormality to the
latch off in the section 3.7.
○
○
○
○
latch off time
BD9488 starts the counting up from the detection of each abnormal state, falls to the latch off state when the following
interval has passed.
Only PWM=L input does not reset the timer counter, if the abnormal state continues.
Where LATCHTIME is the interval until latch off state
RRT is the connected resistor of RT pin.
[setting example]
If the resistor of RT pin is 100k ohm, the timer latch interval is as following.
 
[sec]
10
5
.
1
]
[
130
10
5
.
1
]
[
2
7
10
17
×
Ω
×
=
×
Ω
×
=
k
R
k
R
LATCH
RT
RT
TIME
 
sec]
[
866
10
5
.
1
]
[
100
130
10
5
.
1
]
[
130
7
7
m
k
k
k
R
k
LATCH
RT
TIME
=
×
Ω
×
=
×
Ω
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com