Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9488F Datasheet(PDF) 7 Page - Rohm

Part # BD9488F
Description  Boost 1channel white LED driver For large LCDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9488F Datasheet(HTML) 7 Page - Rohm

Back Button BD9488F Datasheet HTML 3Page - Rohm BD9488F Datasheet HTML 4Page - Rohm BD9488F Datasheet HTML 5Page - Rohm BD9488F Datasheet HTML 6Page - Rohm BD9488F Datasheet HTML 7Page - Rohm BD9488F Datasheet HTML 8Page - Rohm BD9488F Datasheet HTML 9Page - Rohm BD9488F Datasheet HTML 10Page - Rohm BD9488F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Datasheet
7/36
TSZ02201-0F1F0C100040-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11.Jul.2012 Rev.001
www.rohm.com
TSZ22111
・
15
・
001
BD9488F
●
2.1.2 Pin ESD Type
FB
CS
TC54
TC54
Internal
vol.
1k
Figure 4-2. Internal equivalent circuit
●
2.2 Block diagram
Figure 5. Block diagram
OVP
DIMOUT
VREG
GATE
ISENSE
CS
RT
STB
PWM1
VCC
TC54
UVLO
SS
GND
CONTROL
LOGIC
V CC
VIN
UVLO
VCC
UVLO
TSD
OVP
REG54
UVLO
LEB
Current
sense
OSC
SS
Css
PWM
COMP
VCC
ERROR
amp
LEDOCP
OPEN
3.5V
FB
SS-FB
clamper
PWM2
ADIM_P
+
-
+
-
4.0V
1.5V
3.3V
ADIM
10kΩ
VCC
Package:SOP18
FAILB
Fail
detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com