Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1102 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1102
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCLVC1102 Datasheet HTML 2Page - Texas Instruments CDCLVC1102 Datasheet HTML 3Page - Texas Instruments CDCLVC1102 Datasheet HTML 4Page - Texas Instruments CDCLVC1102 Datasheet HTML 5Page - Texas Instruments CDCLVC1102 Datasheet HTML 6Page - Texas Instruments CDCLVC1102 Datasheet HTML 7Page - Texas Instruments CDCLVC1102 Datasheet HTML 8Page - Texas Instruments CDCLVC1102 Datasheet HTML 9Page - Texas Instruments CDCLVC1102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Z =50
O
W
R = 50 W
fromMeasurementEquipment
V
/2
DD
LVCMOS
Output
V
=3.3Vor2.5V
DD
C = 2 pF
parasiticcapasitance
LVCMOS
Output
VDD
R= 100 W
R= 100 W
Z =50
O
W
parasiticinputcapacitance
V
=3.3Vor2.5V
DD
LVCMOS
Output
Z =50
O
W
RS=10
(V
=3.3V)
RS=0
(V
=2.5V)
W
W
DD
DD
parasiticinputcapacitance
V
=3.3Vor2.5V
DD
t
DIS
t
EN
V
IN / 2
1 G
Yn
V
IN / 2
tsk(o)
VDD / 2
Yn+1
VDD / 2
Yn
tsk(o)
CDCLVC11xx
SCAS895 – MAY 2010
www.ti.com
PARAMETERS MEASUREMENT INFORMATION
Figure 1. Test Load Circuit
Figure 2. Application Load With 50
Ω Line Termination
Figure 3. Application Load With Series Line Termination
Figure 4. tDIS and tEN for Disable Low
Figure 5. Output Skew tsk(o)
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVC11xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com