Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1102 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1102
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCLVC1102 Datasheet HTML 7Page - Texas Instruments CDCLVC1102 Datasheet HTML 8Page - Texas Instruments CDCLVC1102 Datasheet HTML 9Page - Texas Instruments CDCLVC1102 Datasheet HTML 10Page - Texas Instruments CDCLVC1102 Datasheet HTML 11Page - Texas Instruments CDCLVC1102 Datasheet HTML 12Page - Texas Instruments CDCLVC1102 Datasheet HTML 13Page - Texas Instruments CDCLVC1102 Datasheet HTML 14Page - Texas Instruments CDCLVC1102 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CDCLVC1102PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
CDCLVC1103PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
CDCLVC1104PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
CDCLVC1106PWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CDCLVC1108PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CDCLVC1110PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
CDCLVC1112PWR
TSSOP
PW
24
2000
330.0
16.4
6.95
8.3
1.6
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com