Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1103 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1103
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1103 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVC1103 Datasheet HTML 1Page - Texas Instruments CDCLVC1103 Datasheet HTML 2Page - Texas Instruments CDCLVC1103 Datasheet HTML 3Page - Texas Instruments CDCLVC1103 Datasheet HTML 4Page - Texas Instruments CDCLVC1103 Datasheet HTML 5Page - Texas Instruments CDCLVC1103 Datasheet HTML 6Page - Texas Instruments CDCLVC1103 Datasheet HTML 7Page - Texas Instruments CDCLVC1103 Datasheet HTML 8Page - Texas Instruments CDCLVC1103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CDCLVC1106
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
9
10
11
12
13
14
Y 1
Y 2
VDD
VDD
Y 3
Y 4
VDD
GND
Y 0
Y 5
GND
CDCLVC1108
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
9
10
11
12
13
14
15
16
Y 1
Y 2
VDD
VDD
Y 3
Y 4
VDD
GND
Y 0
Y 5
GND
Y 6
Y 7
CDCLVC 1110
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
Y 1
Y 2
VDD
VDD
Y 3
Y 4
VDD
GND
Y 0
Y 5
GND
Y 6
Y 7
Y 9
VDD
Y 8
GND
11
CDCLVC1102
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
Y 1
NC
VDD
NC
Y 0
CDCLVC1104
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
Y 1
Y 2
VDD
Y 3
Y 0
Y 1
Y 2
VDD
NC
CDCLVC1103
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
Y 0
CDCLVC 1112
1
1 G
2
GND
3
CLKIN
4
5
6
7
8
9
10
16
17
18
19
20
21
22
23
24
Y 1
Y 2
VDD
VDD
Y 3
Y 4
VDD
GND
Y 0
Y 11
Y 5
GND
Y 6
Y 7
Y 9
VDD
Y 8
GND
11
12
13
14
15
GND
Y 10
VDD
CDCLVC11xx
SCAS895 – MAY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE OPTIONS
PIN FUNCTIONS
LVCMOS
CLOCK OUTPUT
SUPPLY
LVCMOS CLOCK OUTPUT
GROUND
CLOCK INPUT
ENABLE
VOLTAGE
DEVICES
CLKIN
1G
Y0, Y1, … Y11
VDD
GND
CDCLVC1102
1
2
3, 8
6
4
CDCLVC1103
1
2
3, 8, 5
6
4
CDCLVC1104
1
2
3, 8, 5, 7
6
4
CDCLVC1106
1
2
3, 14, 11, 13, 6, 9
5, 8, 12
4, 7, 10
CDCLVC1108
1
2
3, 16, 13, 15, 6, 11, 8, 9
5, 10, 14
4, 7, 12
CDCLVC1110
1
2
3, 20, 17, 19, 6, 15, 8, 13, 10
5, 9, 14, 18
4, 7, 11, 16
CDCLVC1112
1
2
3, 24, 21, 23, 6, 19, 8, 17, 16, 10, 14, 12
5, 9, 13, 18, 22
4, 7, 11, 15, 20
OUTPUT LOGIC TABLE
INPUTS
OUTPUTS
CLKIN
1G
Yn
X
L
L
L
H
L
H
H
H
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVC11xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com