Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1103 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1103
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1103 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVC1103 Datasheet HTML 1Page - Texas Instruments CDCLVC1103 Datasheet HTML 2Page - Texas Instruments CDCLVC1103 Datasheet HTML 3Page - Texas Instruments CDCLVC1103 Datasheet HTML 4Page - Texas Instruments CDCLVC1103 Datasheet HTML 5Page - Texas Instruments CDCLVC1103 Datasheet HTML 6Page - Texas Instruments CDCLVC1103 Datasheet HTML 7Page - Texas Instruments CDCLVC1103 Datasheet HTML 8Page - Texas Instruments CDCLVC1103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CDCLVC
1112
1
1G
2
GND
3
CLKIN
4
5
6
7
8
9
10
16
17
18
19
20
21
22
23
24
Y 1
Y 2
VDD
VDD
Y 3
Y4
VDD
GND
Y0
Y11
Y 5
GND
Y6
Y 7
Y9
VDD
Y 8
GND
11
12
13
14
15
GND
Y 10
VDD
CDCLVC
1106
CDCLVC
1110
CDCLVC
1102
CDCLVC
1103
CDCLVC
1104
CDCLVC
1108
Y0
Y1
Y2
Y3
Yn
CLKIN
LV
CMOS
1G
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
LV
CMOS
•
•
•
CDCLVC11xx
www.ti.com
SCAS895 – MAY 2010
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
Check for Samples: CDCLVC11xx
1
FEATURES
•
Operating Temperature Range: –40°C to 85°C
•
High-Performance 1:2, 1:3, 1:4, 1:6, 1:8, 1:10,
•
Available in 8-, 14-, 16-, 20-, 24-Pin TSSOP
1:12 LVCMOS Clock Buffer Family
Package (all pin compatible)
•
Very Low Pin-to-Pin Skew < 50 ps
APPLICATIONS
•
Very Low Additive Jitter < 100 fs
•
General Purpose Communication, Industrial
•
Supply Voltage: 3.3 V or 2.5 V
and Consumer Applications
•
fmax = 250 MHz for 3.3 V
fmax = 180 MHz for 2.5 V
DESCRIPTION
The CDCLVC11xx is a modular, high-performance, low-skew, general purpose clock buffer family from Texas
Instruments.
The whole family is designed with a modular approach in mind. It is intended to round up TI's series of LVCMOS
clock generators.
There are 7 different fan-out variations, 1:2 to 1:12, available. All of the devices are pin compatible to each other
for easy handling.
All family members share the same high performing characteristics like low additive jitter, low skew, and wide
operating temperature range.
The CDCLVC11xx supports an asynchronous output enable control (1G) which switches the outputs into a low
state when 1G is low. Also, versions with synchronized enable control for glitch free switching and three-state
outputs are planned in future device options.
The CDCLVC11xx operate in a 2.5 V and 3.3 V environment and are characterized for operation from –40°C to
85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVC1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC1103 TI-CDCLVC1103 Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103 TI-CDCLVC1103 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103 TI2-CDCLVC1103 Datasheet
1Mb / 37P
CDCLVC11xx 3.3-V and 2.5-V LVCMOS High-Performance Clock Buffer Family
REVISED FEBRUARY 2017
CDCLVC1103PW TI-CDCLVC1103PW Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1103PW TI2-CDCLVC1103PW Datasheet
1Mb / 37P
CDCLVC11xx 3.3-V and 2.5-V LVCMOS High-Performance Clock Buffer Family
REVISED FEBRUARY 2017
More results

Similar Description - CDCLVC1103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Texas Instruments
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 20P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com