Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVC164245MDGGREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CALVC164245MDGGREP
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CALVC164245MDGGREP Datasheet(HTML) 3 Page - Texas Instruments

  CALVC164245MDGGREP Datasheet HTML 1Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 2Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 3Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 4Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 5Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 6Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 7Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 8Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
To Seven Other Channels
1DIR
1A1
1B1
1OE
To Seven Other Channels
2DIR
2A1
2B1
2OE
1
47
24
36
48
2
25
13
Pin numbers shown are for the DGG and DL packages.
Absolute Maximum Ratings
(1)
SN74ALVC164245-EP
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS774A – JUNE 2004 – REVISED SEPTEMBER 2005
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range for V
CCB at 5 V and VCCA at 3.3 V (unless otherwise noted)
MIN
MAX
UNIT
VCCA
–0.5
4.6
Supply voltage range
V
VCCB
–0.5
6
Except I/O ports(2)
–0.5
6
VI
Input voltage range
I/O port A(3)
–0.5 VCCA + 0.5
V
I/O port B(2)
–0.5 VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
DGG package
70
θ
JA
Package thermal impedance(4)
DL package
63
°C/W
GQL/ZQL package
42
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This value is limited to 6 V maximum.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com