Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVC164245MDGGREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CALVC164245MDGGREP
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CALVC164245MDGGREP Datasheet(HTML) 1 Page - Texas Instruments

  CALVC164245MDGGREP Datasheet HTML 1Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 2Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 3Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 4Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 5Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 6Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 7Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 8Page - Texas Instruments CALVC164245MDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
(3.3 V, 5 V) VCCB
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
(3.3 V, 5 V) VCCB
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCCA (2.5 V, 3.3 V)
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCCA (2.5 V, 3.3 V)
2A5
2A6
GND
2A7
2A8
2OE
DESCRIPTION/ORDERING INFORMATION
SN74ALVC164245-EP
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS774A – JUNE 2004 – REVISED SEPTEMBER 2005
•
Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree(1)
•
Member of the Texas Instruments Widebus™
Family
•
Max tpd of 5.8 ns at 3.3 V
•
±24-mA Output Drive at 3.3 V
•
Control Inputs VIH/VIL Levels Are Referenced
to VCCA Voltage
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
(1) Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This 16-bit (dual-octal) noninverting bus transceiver contains two separate supply rails. B port has VCCB, which is
set to operate at 3.3 V and 5 V. A port has VCCA, which is set to operate at 2.5 V and 3.3 V. This allows for
translation from a 2.5-V to a 3.3-V environment, and vice versa, or from a 3.3-V to a 5-V environment, and vice
versa.
The SN74ALVC164245 is designed for asynchronous communication between data buses. The control circuitry
(1DIR, 2DIR, 1OE, and 2OE) is powered by VCCA.
To ensure the high-impedance state during power up or power down, the output-enable (OE) input should be tied
to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability
of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SSOP – DL
Reel of 1000
CALVC164245IDLREP
ALVC164245
TSSOP – DGG
Reel of 2000
CALVC164245IDGGREP
ALVC164245
–40
°C to 85°C
VFBGA – GQL
CALVC164245IGQLREP
Reel of 1000
VC4245EP
VFBGA – ZQL (Pb-free)
CALVC164245IZQLREP
–55
°C to 125°C
TSSOP – DGG
Reel of 2000
CALVC164245MDGGREP
C164245MEP
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CALVC164245MDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CALVC164245IGQLREP TI-CALVC164245IGQLREP Datasheet
387Kb / 19P
Enhanced Diminishing Manufacturing Sources (DMS) Support
More results

Similar Description - CALVC164245MDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16244 TI-SN54ALVTH16244_07 Datasheet
529Kb / 19P
2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com