Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVCH16245MDLREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CALVCH16245MDLREP
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CALVCH16245MDLREP Datasheet(HTML) 2 Page - Texas Instruments

  CALVCH16245MDLREP Datasheet HTML 1Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 2Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 3Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 4Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 5Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 6Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 7Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 8Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
To Seven Other Channels
1DIR
1A1
1B1
1OE
To Seven Other Channels
2DIR
2A1
2B1
2OE
1
47
24
36
48
2
25
13
Absolute Maximum Ratings
(1)
SN74ALVCH16245-EP
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES608A – SEPTEMBER 2004 – REVISED JUNE 2006
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown
resistors with the bus-hold circuitry is not recommended.
FUNCTION TABLE
(EACH 8-BIT SECTION)
INPUTS
OPERATION
OE
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
Except I/O ports(2)
–0.5
4.6
VI
Input voltage range
V
I/O ports(2)(3)
–0.5
VCC + 0.5
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
θ
JA
Package thermal impedance(4)
63
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com