Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALVCH16245MDLREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CALVCH16245MDLREP
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CALVCH16245MDLREP Datasheet(HTML) 1 Page - Texas Instruments

  CALVCH16245MDLREP Datasheet HTML 1Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 2Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 3Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 4Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 5Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 6Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 7Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 8Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
FEATURES
DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
VCC
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCC
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCC
2A5
2A6
GND
2A7
2A8
2OE
DESCRIPTION/ORDERING INFORMATION
SN74ALVCH16245-EP
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES608A – SEPTEMBER 2004 – REVISED JUNE 2006
•
Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree (1)
•
Member of the Texas Instruments Widebus™
Family
•
Operates From 1.65 V to 3.6 V
•
Max t
pd of 3 ns at 3.3 V
•
±24-mA Output Drive at 3.3 V
•
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This 16-bit (dual-octal) noninverting bus transceiver is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVCH16245-EP is designed for asynchronous communication between data buses. The
control-function implementation minimizes external timing requirements.
This device can be used as two 8-bit transceivers or one 16-bit transceiver. It allows data transmission from the
A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR)
input. The output-enable (OE) input can be used to disable the device so that the buses are effectively isolated.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
SSOP – DL
Tape and reel
CALVCH16245IDLREP
ALVCH16245
–55
°C to 125°C
SSOP – DL
Tape and reel
CALVCH16245MDLREP
ALCH16245M
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CALVCH16245MDLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CALVCH16827MDLREP TI1-CALVCH16827MDLREP Datasheet
286Kb / 12P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CALVCH16245MDLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR162245 TI-SN74ALVCHR162245 Datasheet
148Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
16-Bit Bus Transceiver With 3-State Outputs
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com