Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU310 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLOU310
Description  TPA2025D1 Audio Power Amplifier Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU310 Datasheet(HTML) 4 Page - Texas Instruments

  SLOU310 Datasheet HTML 1Page - Texas Instruments SLOU310 Datasheet HTML 2Page - Texas Instruments SLOU310 Datasheet HTML 3Page - Texas Instruments SLOU310 Datasheet HTML 4Page - Texas Instruments SLOU310 Datasheet HTML 5Page - Texas Instruments SLOU310 Datasheet HTML 6Page - Texas Instruments SLOU310 Datasheet HTML 7Page - Texas Instruments SLOU310 Datasheet HTML 8Page - Texas Instruments SLOU310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PVDD
BOOST
I
(PVD D
VB AT)
C = 1.5
V
PVD D
´
-
´
D
´
´
f
PVDD
BOOST
I
(PV DD
V BAT)
C =
V
PV DD
´
-
D
´
´
f
Operation
www.ti.com
ΔI
L is inversely proportional to L. Minimize ΔIL as much as is necessary for a specific application. Increase
the inductance to reduce the ripple current. Note that making the inductance too large prevents the boost
converter from responding to fast load changes properly. Typical inductor values for the TPA2025D1 are
2.2
μH to 4.7 μH.
Select an inductor with a small dc resistance, DCR. DCR reduces the output power due to the voltage
drop across the inductor.
2.2.3
Changing the Boost Capacitor
The value of the boost capacitor is determined by the minimum value of working capacitance required for
stability and the maximum voltage ripple allowed on PVOUT in the application. The minimum value of
working capacitance is 4.7
μF. Do not use any component with a working capacitance less than 4.7 μF.
Working capacitance is defined as the rated capacitance reduced by the DC Bias factor, temperature, and
aging parameters of the capacitor being used. It may be necessary to request these parameters from the
capacitor manufacturer. For best performance, only consider ceramic capacitors with X5R or X7R
dielectric.
For X5R or X7R ceramic capacitors, Equation 3 shows the relationships among the boost capacitance, C,
to load current, load voltage, ripple voltage, input voltage, and switching frequency (I
PVOUT, PVOUT, ΔV,
VDD, f
boost respectively). Insert the maximum allowed ripple voltage into Equation 3 to solve for C. A factor
of about 1.5 is included to account for capacitance loss due to dc voltage and temperature.
(3)
For aluminum or tantalum capacitors, Equation 4 shows the relationships among the boost capacitance,
C, to load current, load voltage, ripple voltage, input voltage, and switching frequency (I
PVOUT, PVOUT, ΔV,
VDD, f
boost respectively). Insert the maximum allowed ripple voltage into Equation 4 to solve for C. Solve
this equation assuming ESR is zero.
(4)
Capacitance of aluminum and tantalum capacitors is normally insensitive to applied voltage, so no factor
of 1.5 is included in Equation 4. However, the ESR in aluminum and tantalum capacitors can be
significant. Choose an aluminum or tantalum capacitor with an ESR around 30 m
Ω. For best performance
with tantalum capacitors, use at least a 10-V rating. Note that tantalum capacitors must generally be used
at voltages of half their ratings or less.
2.3
Power Up
1. Verify that the correct connections are as described in Section 2.1.
2. Verify that the voltage setting of the power supply is between 2.5 V and 5.2 V, and turn on the power
supply. Proper operation of the EVM begins.
3. Adjust the audio signal source as needed.
4
TPA2025D1 Audio Power Amplifier Evaluation Module
SLOU310
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com