Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU310 Datasheet(PDF) 10 Page - Texas Instruments

Part # SLOU310
Description  TPA2025D1 Audio Power Amplifier Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU310 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLOU310 Datasheet HTML 4Page - Texas Instruments SLOU310 Datasheet HTML 5Page - Texas Instruments SLOU310 Datasheet HTML 6Page - Texas Instruments SLOU310 Datasheet HTML 7Page - Texas Instruments SLOU310 Datasheet HTML 8Page - Texas Instruments SLOU310 Datasheet HTML 9Page - Texas Instruments SLOU310 Datasheet HTML 10Page - Texas Instruments SLOU310 Datasheet HTML 11Page - Texas Instruments SLOU310 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Reference
www.ti.com
Table 1. TPA2025D1EVM Bill of Materials (continued)
REF
ITEM
MANU PARTNUM
QTY
VENDOR PARTNUM DESCRIPTION
VENDOR
MANUFACTURER
DESIGNATORS
HEADERS, JACKS, AND SHUNTS
15
26630301RP2
1
AGC
2663S-03
HEADER 3 PIN, PCB 2.0MM ROHS
DIGI-KEY
NORCOMP
16
26630201RP2
1
JP SE
2663S-02
HEADER 2 PIN, PCB 2.0MM ROHS
DIGI-KEY
NORCOMP
17
PJRAN1X1U01X
1
IN
65K7770
JACK, RCA 3-PIN PCB-RA BLACK ROHS
NEWARK
SWITCHCRAFT
18
810-002-SP2L001
2
JP SE, AGC
(1)
SP2-001E
SHUNT, BLACK AU FLASH 2 MM ROHS
DIGI-KEY
NORCOMP
TESTPOINTS AND SWITCHES
KEYSTONE
19
5002
1
FLT OUT-
5002K
PC TESTPOINT, WHITE, ROHS
DIGI-KEY
ELECTRONICS
KEYSTONE
20
5001
2
TP1 GND,TP2 GND
5001K
PC TESTPOINT, BLACK, ROHS
DIGI-KEY
ELECTRONICS
KEYSTONE
21
5000
1
FLT OUT+
5000K
PC TESTPOINT, RED, ROHS
DIGI-KEY
ELECTRONICS
STANDOFFS AND HARDWARE
22
TL1015AF160QG
1
S1
EG4344CT
SWITCH, MOM, 160G SMT 4X3MM ROHS
DIGI-KEY
E-SWITCH
STANDOFF,4-40,0.5INx3/16IN,ALUM RND
KEYSTONE
23
2027
4
SO1,SO2,SO3,SO4
2027K
DIGI-KEY
F-F
ELECTRONICS
GND, VDD, OUT+,
24
111-2223-001
4
J587
BINDING-POST,NONINS,THRU,ROHS
DIGI-KEY
EMERSON NPCS
OUT-
COMPONENTS NOT ASSEMBLED
25
R0603_DNP
2
R7, R8
26
C0603_DNP
2
C4, C6
(1)
Place Shunts Only On Pin2 of JP SE and on Pin3 of AGC
10
TPA2025D1 Audio Power Amplifier Evaluation Module
SLOU310
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com