Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD Datasheet(PDF) 2 Page - Texas Instruments

Part # STD
Description  bq2026 Evaluation Software
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 2 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Kit Contents
www.ti.com
1
Kit Contents
1. bq2026EVM REVA board
2. Personal computer (PC) interface board EV2300
3. USB cable (type A-B)
2
bq2026-Based Circuit Module
The bq2026-based circuit module is ideal for programming the 1.5K-bit EPROM and the STATUS bytes of
the bq2026 IC. The circuit module includes a SOT23 single socket, a bq2026 IC, a Zener diode for host
protection during EPROM programming, and a programming circuit that generates a 12-V pulse when
used with a power supply and a control signal. In a typical application, only the bq2026 IC and a pullup
resistor is required.
2.1
Test Points
Table 1. Test Points
Test Point
Signal Name
Description
J1-1
VSS
Device ground
J1-2
PROG
Input for timing of EPROM programming pulse
J1-3
SDQ
SDQ single-wire communication bus
J2-1
12V
High voltage for EPROM programming
J2-2
VSS
Programming ground
J3
Connect for EPROM programming
3
bq2026EVM Circuit Module Schematic
The schematic shows the circuit for the bq2026 implementation.
Figure 1. bq2026EVM Schematic
2
bq2026 Evaluation Software
SLUU763
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com