Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD Datasheet(PDF) 6 Page - Texas Instruments

Part # STD
Description  bq2026 Evaluation Software
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 6 Page - Texas Instruments

Back Button STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
bq2026EVM Circuit Module Bill of Materials
www.ti.com
Figure 5. bq2026EVM Bottom Layer
5
bq2026EVM Circuit Module Bill of Materials
Table 2 presents the bill of materials required for the bq2026EVM circuit module.
Table 2. Bill of Materials
Count
RefDes
Description
Size
MFR
Part Number
2
D1, D2
Diode, Zener, 5.6-V, 350-mW
SOT-23
Diodes, Inc.
BZX84C5V6
1
J3
Header, 2-pin, 100-mil spacing, (36-pin strip)
0.100 x 2
Sullins
PTC36SAAN
3
R1, R2, R6
Resistor, Chip, 100-
Ω, 1/16-W, 5%
603
Std
Std
1
R3
Resistor, Chip, 100-k
Ω, 1/16-W, 5%
603
Std
Std
1
R4
Resistor, Chip, 10-k
Ω, 1/16-W, 5%
603
Std
Std
1
R5
Resistor, Chip, 15-k
Ω, 1/16-W, 5%
603
Std
Std
0
R7*, R8*
Resistor, Chip, 2.7-k
Ω, 1/16-W, 5%
603
Std
Std
1
XU1
Socket, SOT-23, 6P
SOT-23-6
WELLS-CTI
499-P44-20
1
J1
Header, Friction Lock Ass
'y, 4-pin Right Angle
0.400 x 0.500
Molex
22-05-3041
1
J2
Terminal Block, 2-pin, 6-A, 3.5-mm
0.27 x 0.25 inch
OST
ED1514
0
GND*
Test Point, Black, 1-mm
0.038
Keystone
5001
0
SDQ*
Test Point, Red, 1-mm
0.038
Keystone
5000
2
U2,U3*
Socket Pin - Install First
DIA_038, PIN_013-020, EXP_146,
Tyco
50935
B125
1
Q1
MOSFET, N-ch, 60-V, 115-mA, 1.2-
Ω
SOT23
Vishay-Liteon
2N7002-7-F
1
Q2
MOSFET, Pch, -20-V, 3.7-A, 65 m
Ω
SOT23
IR
IRLML6402
1
--
PCB, 2 In x 1.25 In x 0.125 In
Any
bq2026EVM Board
1
N/A
Shunt, 100-mil, Black
0.1
3M
929950-00
6
bq2026 Evaluation Software
SLUU763
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com