Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 3 Page - Texas Instruments

Part # 5000
Description  TPS7A1601EVM-046
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 3 Page - Texas Instruments

  5000 Datasheet HTML 1Page - Texas Instruments 5000 Datasheet HTML 2Page - Texas Instruments 5000 Datasheet HTML 3Page - Texas Instruments 5000 Datasheet HTML 4Page - Texas Instruments 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Vin
EN
Vout
Iout
www.ti.com
Operation
•
Connect a 0-A to 100-mA load between an OUT pin at connector J4, and a GND pin at connector J3.
•
Disable the output by connecting the jumper on JP1 from the EN pin to the OFF pin.
3
Operation
•
Turn on the input power supply. For initial operation, set the input power supply, VIN
– J1, to 10 V
•
Enable the output by reconnecting the jumper on JP1 from the EN pin to the ON pin.
•
Vary the respective loads and VIN voltages as necessary for test purposes.
4
Test Results
This section provides typical performance waveforms for the TPS7A1601EVM-046 printed-circuit board.
4.1
Turnon Sequence
Figure 1 shows the turnon/off characteristic where VIN is preset to 10 V, the output drives full load, and
the EN turnon is stepped to 10 V (C2, red). The output soft start (C1, yellow) shows a monotonic rise time
of approximately 60 ms. The output voltage start-up ramp is not load dependant.
Figure 1. Turnon Sequence
4.2
Output Load Transient
Figure 2 shows the load transient response (OUT
– C1, yellow) for a full-load step transient from 10 mA to
100 mA (C4, green). VIN is set at 10 V.
3
SLVU549
– December 2011
TPS7A1601EVM-046
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com