Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 7 Page - Texas Instruments

Part # 5000
Description  TPS7A1601EVM-046
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 7 Page - Texas Instruments

  5000 Datasheet HTML 1Page - Texas Instruments 5000 Datasheet HTML 2Page - Texas Instruments 5000 Datasheet HTML 3Page - Texas Instruments 5000 Datasheet HTML 4Page - Texas Instruments 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.ti.com
Schematic and Bill of Materials
7
Schematic and Bill of Materials
7.1
Schematic
Figure 7. TPS7A1601EVM-046 Schematic
7.2
Bill of Materials
Table 2. TPS7A1601EVM-046 Bill of Materials
Count
RefDes
Value
Description
Size
Part Number
MFR
1
C1
1.0uF
Capacitor, Ceramic, 100V, X7R, 10%
C1206
STD
STD
1
C2
0.001uF
Capacitor, Ceramic,100V
603
STD
STD
1
C3
0.01uF
Capacitor, Ceramic, Low Inductance, 50V, X7R, 10%
603
STD
STD
1
C4
10.0uF
Capacitor, Ceramic, 50V, X7R, 10%
1210
STD
STD
1
R1
3.16M
Resistor, Chip, 1/16W, 1%
603
STD
STD
1
R2
1.0M
Resistor, Chip, 1/16W, 1%
603
STD
STD
1
R3
100K
Resistor, Chip, 1/16W, 1%
603
STD
STD
1
D1
1N4148WS0
Diode, Small Signal, 300-mA, 100V
SOD-323
1N4148WS
Fairchild
2
J5, J8
PEC02SAAN
Header, Male 2-pin, 100mil spacing
0.100 inch x 2
PEC02SAAN
Sullins
4
J1
–J4
PEC02SAAN
Header, Male 2-pin, 100mil spacing
0.100 inch x 2
PEC02SAAN
Sullins
1
JP1
PEC03SAAN
Header, Male 3-pin, 100mil spacing
0.100 inch x 3
PEC03SAAN
Sullins
1
U1
TPS7A1601DGN
IC, 60 V, 5
µA Iq LDO, 100mA Linear Regulator
HTSSOP
TPS7A1601DGN
TI
1
TP1
5000
Test Point, Red, Thru Hole Color Keyed
0.100 x 0.100 inch
5000
Keystone
7
SLVU549
– December 2011
TPS7A1601EVM-046
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com