Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 2 Page - Texas Instruments

Part # 5000
Description  TPS75005EVM-023
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 2 Page - Texas Instruments

  5000 Datasheet HTML 1Page - Texas Instruments 5000 Datasheet HTML 2Page - Texas Instruments 5000 Datasheet HTML 3Page - Texas Instruments 5000 Datasheet HTML 4Page - Texas Instruments 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Introduction
www.ti.com
1
Introduction
The TPS75005EVM-023 helps design engineers evaluate the operation and performance of the
TPS75005 for possible use in their own circuit applications. The TPS75005 is optimized to be a complete
power management solution for Texas Instruments
’ C2000™ real-time microcontrollers and other
DSP/FPGA/ASIC MCUs. The device contains dual, 500-mA LDOs. Each LDO output is monitored by an
internal supervisor (SVS) circuit to determine the Power Good (PG) signal. A third supervisor allows the
customer to independently monitor an additional external voltage. On this EVM, the third SVS monitor is
preset by a resistor divider to monitor an external 2.5-V power rail. The two power outputs are enabled
and disabled by a single EN logic input. Sequence and soft-start circuitry provide a means to program the
start-up characteristics and to ensure well-behaved output ramp-up.
This document describes the configuration and setup of the TPS75005EVM-023 board.
2
Setup
This section describes the jumpers and connectors on the EVM as well as how to properly connect, set
up, and use the TPS75005EVM-023.
2.1
Input / Output Connector Descriptions
J1: EXT SVS
This connector is the input to the voltage monitoring function (VMON) of the TPS75005. When the
voltage at this header drops below approximately 2.35 V, the VDET output drops to logic low. The
VDET output can be measured at TP1.
J2: VIN
This connector is the input power-supply voltage connector. The positive input lead and ground return
lead from the input power supply should be twisted and kept as short as possible to minimize
electromagnetic interference (EMI) transmission.
J3: GND
This connector is the return connection for the input power supply. The positive input lead and ground
return lead from the input power supply should be twisted and kept as short as possible to minimize
EMI.
J4: VOUT2
This connector is the positive output of LDO-2. The LDO-2 output is regulated to 3.3 V.
J5: GND
This connector is the return connection for LDO-2.
J6: VOUT1
This connector is the positive output of LDO-1. The LDO-1 output is regulated to 1.9 V if jumper JP2 is
installed, and 1.8 V if jumper JP2 is not installed.
J7: GND
This connector is the return connection for LDO-1.
2
TPS75005EVM-023
SBVU019A
– October 2011 – Revised October 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com