Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 11 Page - Texas Instruments

Part # 5000
Description  TPS75005EVM-023
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments 5000 Datasheet HTML 9Page - Texas Instruments 5000 Datasheet HTML 10Page - Texas Instruments 5000 Datasheet HTML 11Page - Texas Instruments 5000 Datasheet HTML 12Page - Texas Instruments 5000 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.ti.com
Schematic and Bill of Materials
7.2
Parts List
Table 2 lists the bill of materials for the TPS75005EVM.
Table 2. TPS75005EVM Bill of Materials
(1) (2) (3)
Count
RefDes
Value
Description
Size
Part Number
MFR
0
C1
Open
Capacitor, tantalum, 10 V, 20%
6032
Std
Std
3
C2, C3, C8
10
µF
Capacitor, ceramic, 10 V, X5R, 20%
0805
Std
Std
4
C4 to C7
1 nF
Capacitor, ceramic, 10 V, X5R, 10%
0603
Std
Std
7
J1 to J7
PEC02SAAN
Header, male 2-pin, 100-mil spacing,
0.100 inch x 2
PEC02SAAN
Sullins
1
JP1
PEC03SAAN
Header, male 3-pin, 100-mil spacing,
0.100 inch x 3
PEC03SAAN
Sullins
2
JP2-3
PEC02SAAN
Header, male 2-pin, 100-mil spacing,
0.100 inch x 2
PEC02SAAN
Sullins
1
R1
10.0 k
Ω
Resistor, chip, 1/16W, 1%
0603
Std
Std
1
R2
10.2 k
Ω
Resistor, chip, 1/16W, 1%
0603
Std
Std
5
R3 to R7
100 k
Ω
Resistor, chip, 1/16W, 1%
0603
Std
Std
0
R8
Open
Resistor, chip, 1/16W, 1%
0603
Std
Std
5
TP1 to TP5
5000
Test point, red, through-hole color
0.100 x 0.100
5000
Keystone
keyed
inch
1
U1
TPS75005RGW
IC, dual 500-mA LDO and Triple
QFN-20
TPS75005RGW
TI
voltage rail monitor
3
--
Shunt, 100-mil, black
0.100
929950-00
3M
1
--
PCB, 1.7 in x 2.3 in x 0.062 in
PWR023
Any
(1)
These assemblies are ESD sensitive. ESD precautions shall be observed.
(2)
These assemblies must be clean and free from flux and all contaminants. Use of no-clean flux is not acceptable.
(3)
These assemblies must comply with workmanship standards IPC-A-610 Class 2.
11
SBVU019A
– October 2011 – Revised October 2011
TPS75005EVM-023
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com