Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002FUG-V7AF Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SL3ICS1002FUG-V7AF
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002FUG-V7AF Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SL3ICS1002FUG-V7AF Datasheet HTML 26Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 27Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 28Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 29Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 30Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 31Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 32Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 33Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
30 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
15.1.1 Memory map
[1]
This is the initial memory content when delivered by NXP Semiconductors
[2]
G2XL: HEX 3005 FB63 AC1F 3841 EC88 0467
G2XM: HEX 3005 FB63 AC1F 3681 EC88 0468
[3]
only G2XM
Table 16.
Memory map
Bank
address
Memory
address
Type
Content
Initial [1]
Remark
Bank 00
00h – 1Fh
Reserved
kill password:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.1
all 00h
unlocked memory
20h – 3Fh
Reserved
access password:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.1
all 00h
unlocked memory
Bank 01
00h – 0Fh
EPC
CRC-16: refer to Section 18,
Ref. 1, chapter 6.3.2.1.2
memory mapped
calculated CRC
10h – 14h
EPC
Backscatter length:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.2
00110b
unlocked memory
15h
EPC
Reserved for future use:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.2
0b
unlocked memory
16h
EPC
Reserved for future use:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.2
0b
hardwired to 0
17h –1Fh
EPC
Numbering system indicator:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.2
00h
unlocked memory
20h - 10Fh
EPC
EPC:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.2
[2]
unlocked memory
Bank 10
00h – 07h
TID
allocation class identifier:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.3
1110 0010b
locked memory
08h – 13h
TID
tag mask designer identifier:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.3
0000 0000 0110b
locked memory
14h – 1Fh
TID
tag model number:
refer to Section 18, Ref. 1,
chapter 6.3.2.1.3
TMNR
locked memory
20h – 3Fh
TID
serial number:
refer to [Section 18, Ref. 1,
chapter 6.3.2.1.3
SNR
locked memory
Bank 11[3]
00h – 1FFh
User
user memory:
refer to [Section 18, Ref. 1,
chapter 6.3.2.1.4
undefined
unlocked memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com