Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS1002FUG-V7AF Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SL3ICS1002FUG-V7AF
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002FUG-V7AF Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SL3ICS1002FUG-V7AF Datasheet HTML 32Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 33Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 34Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 35Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 36Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 37Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 38Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 39Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
36 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
15.12 Custom Commands
15.12.1 ReadProtect
The G2X ReadProtect custom command enables reliable read protection of the entire
G2X memory. Executing ReadProtect from the Secured state will set the ReadProtect-bit
to '1'. With the ReadProtect-Bit set the G2X will continue to work unaffected but fail its
content.
Following commands will be disabled: Read, Write, Kill, Lock, Access, ReadProtect,
ChangeEAS, EAS Alarm and Calibrate. The G2X will only react upon an anticollision with
Select, Query, QueryRep, QueryAdjust, ACK (no truncated reply), NAK, ReqRN but reply
with zeros as EPC and CRC-16 content (except PC/password). ACK will return zeros
except for the PC.
The read protection can be removed by executing Reset ReadProtect. The
ReadProtect-Bit will than be cleared.
Devices whose access password is zero will ignore the command. A frame-sync must be
prepended the command.
After sending the ReadProtect command an interrogator shall transmit CW for the lesser
of TReply or 20 ms, where TReply is the time between the interrogator's ReadProtect
command and the backscattered reply. An interrogator may observe three possible
responses after sending a ReadProtect, depending on the success or failure of the
operation:
• ReadProtect succeeds: After completing the ReadProtect the G2X shall backscatter
the reply shown in Table 19 comprising a header (a 0-bit), the tag's handle, and a
CRC-16 calculated over the 0-bit and handle. Immediately after this reply the G2X will
render itself to this ReadProtect mode. If the interrogator observes this reply within 20
ms then the ReadProtect completed successfully.
• The G2X encounters an error: The G2X will backscatter an error code during the CW
period rather than the reply shown in the EPCglobal Spec (see Annex I for error-code
definitions and for the reply format).
• ReadProtect does not succeed: If the interrogator does not observe a reply within
20 ms then the ReadProtect did not complete successfully. The interrogator may
issue a Req_RN command (containing the handle) to verify that the G2X is still in the
interrogation zone, and may re-initiate the ReadProtect command.
The G2X reply to the ReadProtect command will use the extended preamble shown in
EPCglobal Spec (Figure 6.11 or Figure 6.15), as appropriate (i.e. a Tag shall reply as if
TRext=1) regardless of the TRext value in the Query that initiated the round.
Table 17.
ReadProtect command
Command
RN
CRC-16
# of bits
16
16
16
description
11100000 00000001
handle
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com