Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1002AC2 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SL3S1002AC2
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002AC2 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SL3S1002AC2 Datasheet HTML 18Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 19Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 20Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 21Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 22Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 23Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 24Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 25Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
22 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
13.3 Operating distances
RFID tags based on the UCODE G2X silicon may achieve maximum operating distances
according the following formula:
(1)
(2)
[1]
CEPT/ETSI regulations [CEPT1], [ETSI1].
[2]
New CEPT/ETSI regulations. [ETSI3].
[3]
FCC 47 part 15 regulation [FCC1].
[4]
These read distances are maximum values for general tags and labels. Practical usable values may be
lower due to damping by object materials and environmental conditions. A special tag antenna design can
help achieve higher values.
The typical write range is > 50% of the read range.
Table 13.
Symbol description
Symbol
Description
Unit
Ptag
minimum required RF power for the tag
W
Gtag
gain of the tag antenna
-
EIRP
transmitted RF power
m
λ
wavelength
m
Rmax
maximum achieved operating distance for a λ/2-dipole
m
η
loss factor assumed to be 0.5 considering matching and
package losses
-
Rdistance
m
Table 14.
Operating distances for UCODE G2X based tags and labels in released frequency
bands
Frequency range
Region
Available
power
Calculated read distance
single antenna [4]
Unit
868.4 to 868.65 MHz (UHF) Europe [1]
0.5 W ERP
3.6
m
865.5 to 867.6 MHz (UHF)
Europe [2]
2 W ERP
7.1
m
902 to 928 MHz (UHF)
America [3]
4 W EIRP
7.5
m
Ptag
EIRP Gtag
λ
4
πR
----------
⎝⎠
⎛⎞
2
η
⋅⋅
=
Rmax
EIRP Gtag λ
2
⋅⋅
4
π
()
2P
tag
---------------------------------------
η
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com