Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1002AC2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SL3S1002AC2
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002AC2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SL3S1002AC2 Datasheet HTML 25Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 26Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 27Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 28Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 29Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 30Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 31Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 32Page - NXP Semiconductors SL3S1002AC2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
29 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
15.1 G2X Memory
For the general memory layout according to the standard Section 18, Ref. 1, refer to
Figure 6.17. The tag memory is logically subdivided into four distinct banks.
In accordance to the standard Section 18, Ref. 1, section 6.3.2.1. The tag memory of the
SL3ICS1002 G2XM is organized in following 4 memory sections:
The logical address of all memory banks begin at zero (00h).
Table 15.
G2X memory sections
Name
Size
Bank
Reserved memory (32 bit ACCESS and 32 bit KILL password)
64 bit
00b
EPC (excluding 16 bit CRC-16 and 16 bit PC)
240 bit
01b
TID (including unique 32 bit serial number)
64 bit
10b
User memory (G2XM only)
512 bit
11b
Fig 9.
G2X TID memory structure
Class Identifier
Mask-Designer Identifier
Model Number
Serial Number
TID
31
0
11
0
11
07
0
00h
07h
08h
13h
14h
1Fh
20h
3Fh
6
0
4
0
14h
1Fh
18h
19h
Version Number
Sub Version Number
E2h
006h
00000001h to FFFFFFFFh
Whenever the 32 bit serial
is exceeded the sub version
is incremented by 1
3Fh
00h
Addresses
Addresses
Addresses
Bits
Bits
LS Byte
LSBit
LSBit
MSBit
MSBit
MS Byte
LSBit
LSBit
MSBit
MSBit
00000b
0000010b
Sub Version Nr
Version (Silicon) Nr
Model Nr.
Mask ID
UCode EPC G2XM
00000b
0000011b
003h
006h
UCode EPC G2XL
00000b
0000100b
004h
006h
002h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com