Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD271 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LD271
Description  IR-Lumineszenzdiode Infrared Emitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD271 Datasheet(HTML) 4 Page - OSRAM GmbH

  LD271 Datasheet HTML 1Page - OSRAM GmbH LD271 Datasheet HTML 2Page - OSRAM GmbH LD271 Datasheet HTML 3Page - OSRAM GmbH LD271 Datasheet HTML 4Page - OSRAM GmbH LD271 Datasheet HTML 5Page - OSRAM GmbH LD271 Datasheet HTML 6Page - OSRAM GmbH LD271 Datasheet HTML 7Page - OSRAM GmbH LD271 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LD 271, LD 271 H, LD 271 L, LD 271 LH
2007-04-04
4
Relative Spectral emission
Irel = f (λ)
Forward Current
I
F = f (VF), single pulse, tp = 20 μs
Radiation Characteristics
I
rel = f (ϕ)
OHRD1938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHR01041
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
3
3.5
4 V 4.5
max.
typ.
OHR01879
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ
Radiant Intensity
Single pulse,
t
p = 20 μs
Permissible Pulse Handling
Capability
I
F = f (τ), TC = 25 °C,
duty cycle
D = parameter
Ι
e
Ι
e 100 mA
=
f (I
F)
Ι
OHR01038
F
-1
10
10
0
1
10
2
10
10
-2
-1
10
0
10
A
10
1
Ι
e
Ι
e (100 mA)
t
OHR00257
P
10
-5
s
T
t p
D =
t p
T
Ι
F
10
4
Ι
F
DC
0.5
0.2
0.1
0.005
0.01
0.02
0.05
mA
10
3
10
2
-4
10
-3
10
-2
10
-1
10
0
10
2
10
=
D
5
5
Max. Permissible Forward Current
I
F = f (TA)
T
OHO00364
A
0
F
Ι
0
20
40
60
80
100
C
mA
20
40
60
80
100
120
140
160
200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com