Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD271 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LD271
Description  IR-Lumineszenzdiode Infrared Emitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD271 Datasheet(HTML) 5 Page - OSRAM GmbH

  LD271 Datasheet HTML 1Page - OSRAM GmbH LD271 Datasheet HTML 2Page - OSRAM GmbH LD271 Datasheet HTML 3Page - OSRAM GmbH LD271 Datasheet HTML 4Page - OSRAM GmbH LD271 Datasheet HTML 5Page - OSRAM GmbH LD271 Datasheet HTML 6Page - OSRAM GmbH LD271 Datasheet HTML 7Page - OSRAM GmbH LD271 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LD 271, LD 271 H, LD 271 L, LD 271 LH
2007-04-04
5
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Gehäusefarbe: grau
Brechungsindex Verguss: 1.53
Package Colour: grey
Refractive index resin: 1.53
4.8 (0.189)
4.2 (0.165)
11.6 (0.457)
11.2 (0.441)
25.2 (0.992)
24.2 (0.953)
Cathode
Chip position
GEXY6239
1.2 (0.047)
1.8 (0.071)
0.4 (0.016)
0.6 (0.024)
Area not flat
8.2 (0.323)
9.0 (0.354)
7.8 (0.307)
7.5 (0.295)
5.5 (0.217)
5.9 (0.232)
0.4 (0.016)
0.6 (0.024)
LD 271 / LD 271 H
7.8 (0.307)
7.5 (0.295)
9.0 (0.354)
8.2 (0.323)
29 (1.142)
27 (1.063)
1.8 (0.071)
1.2 (0.047)
4.8 (0.189)
4.2 (0.165)
5.9 (0.232)
5.5 (0.217)
0.6 (0.024)
0.4 (0.016)
Area not flat
Chip position
Cathode
GEOY6645
LD 271 L / LD 271 LH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com