Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD271H Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LD271H
Description  IR-Lumineszenzdiode Infrared Emitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD271H Datasheet(HTML) 1 Page - OSRAM GmbH

  LD271H Datasheet HTML 1Page - OSRAM GmbH LD271H Datasheet HTML 2Page - OSRAM GmbH LD271H Datasheet HTML 3Page - OSRAM GmbH LD271H Datasheet HTML 4Page - OSRAM GmbH LD271H Datasheet HTML 5Page - OSRAM GmbH LD271H Datasheet HTML 6Page - OSRAM GmbH LD271H Datasheet HTML 7Page - OSRAM GmbH LD271H Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LD 271
LD 271 H
LD 271 L
LD 271 LH
IR-Lumineszenzdiode
Infrared Emitter
Lead (Pb) Free Product - RoHS Compliant
2007-04-04
1
Wesentliche Merkmale
• GaAs-LED in 5mm radial-Gehäuse
• Typische Peakwellenlänge 950nm
• Hohe Zuverlässigkeit
• Mit verschiedenen Beinchenlängen lieferbar
• Variante mit “stand-off” lieferbar
• TTW Löten geeignet
Anwendungen
• IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern
• Gerätefernsteuerungen für Gleich- und
Wechsellichtbetrieb
• Sensorik
• Diskrete Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 100mA, tp = 20 ms)
Radiant intensity grouping
1)
Ie (mW/sr)
1) gemessen bei einem Raumwinkel Ω = 0.01 sr
measured at a solid angle of
Ω = 0.01 sr
LD 271
Q62703Q0148
15 (>10)
LD 271 L
Q62703Q0833
LD 271 H
Q62703Q0256
>16
LD 271 LH
Q62703Q0838
Features
• GaAs-LED in 5mm radial package (T 1
3/
4)
• Typical peak wavelength 950nm
• High reliability
• Available with two different lead lengths
• Version with stand-off available
• Suitable for TTW soldering
Applications
• IR remote control of hi-fi and TV-sets, video
tape recorders, dimmers
• Remote control for steady and varying intensity
• Sensor technology
• Discrete interrupters


Similar Part No. - LD271H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD271H SIEMENS-LD271H Datasheet
41Kb / 5P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271H SIEMENS-LD271H Datasheet
116Kb / 2P
INFRARD EMITTER
LD271HL SIEMENS-LD271HL Datasheet
41Kb / 5P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results

Similar Description - LD271H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH483 SIEMENS-SFH483 Datasheet
34Kb / 5P
GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
SFH4209 OSRAM-SFH4209 Datasheet
64Kb / 6P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4271 OSRAM-SFH4271 Datasheet
86Kb / 10P
IR-Lumineszenzdiode Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com