Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVC16244AIDGGREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC16244AIDGGREP
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC16244AIDGGREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVC16244AIDGGREP Datasheet HTML 1Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 2Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 3Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 4Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 5Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 6Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 7Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 8Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Operating Characteristics
SN74LVC16244A-EP
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS740A – DECEMBER 2003 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC – 0.2
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.7
VOH
V
2.7 V
2.2
IOH = –12 mA
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ
VO = 0 to 5.5 V
3.6 V
±10
µA
VI = VCC or GND
20
ICC
IO = 0
3.6 V
µA
3.6 V
≤ V
I ≤ 5.5 V
(2)
20
∆I
CC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
5.5
pF
Co
VO = VCC or GND
3.3 V
6
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This applies in the disabled state only.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1.5
6.6
1
3.9
1
4.7
1.1
4.1
ns
ten
OE
Y
1.5
7.5
1
4.7
1
5.8
1
4.6
ns
tdis
OE
Y
1.5
10.3
1
5.3
1
6.2
1.8
5.8
ns
tsk(o)
1
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
33
35
39
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per buffer/driver
Outputs disabled
2
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com