Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVC16244AIDGGREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC16244AIDGGREP
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC16244AIDGGREP Datasheet(HTML) 1 Page - Texas Instruments

  CLVC16244AIDGGREP Datasheet HTML 1Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 2Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 3Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 4Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 5Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 6Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 7Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 8Page - Texas Instruments CLVC16244AIDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
1Y3
1Y4
VCC
2Y1
2Y2
GND
2Y3
2Y4
3Y1
3Y2
GND
3Y3
3Y4
VCC
4Y1
4Y2
GND
4Y3
4Y4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE
DESCRIPTION/ORDERING INFORMATION
SN74LVC16244A-EP
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS740A – DECEMBER 2003 – REVISED JUNE 2005
•
Controlled Baseline
– One Assembly/Test Site, One Fabrication
Site
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree (1)
•
Member of the Texas Instruments Widebus™
Family
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Max t
pd of 4.1 ns at 3.3 V
•
Typical V
OLP (Output Ground Bounce)
<0.8 V at V
CC = 3.3 V, TA = 25°C
•
Typical V
OHV (Output VOH Undershoot)
>2 V at V
CC = 3.3 V, TA = 25°C
•
I
off Supports Partial-Power-Down Mode
Operation
•
Supports Mixed-Mode Signal Operation On All
Ports (5-V Input/Output Voltage With 3.3-V
V
CC)
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
This 16-bit buffer/driver is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC16244A is designed specifically to improve the performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented receivers and transmitters.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
TSSOP – DGG
Tape and reel
CLVC16244AIDGGREP
C16244AEP
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - CLVC16244AIDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC16244AIDGGRQ1 TI1-CLVC16244AIDGGRQ1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CLVC16244AIDGGRQ1 TI2-CLVC16244AIDGGRQ1 Datasheet
561Kb / 26P
SN74LVC16244A 16-Bit Buffer/Driver With 3-State Outputs
REVISED JUNE 2014
CLVC16244AIDGGRQ1 TI2-CLVC16244AIDGGRQ1 Datasheet
904Kb / 14P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MAY 2005
CLVC16244AIDGGRQ1.B TI2-CLVC16244AIDGGRQ1.B Datasheet
561Kb / 26P
SN74LVC16244A 16-Bit Buffer/Driver With 3-State Outputs
REVISED JUNE 2014
CLVC16244AIDGGRQ1.B TI2-CLVC16244AIDGGRQ1.B Datasheet
904Kb / 14P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MAY 2005
More results

Similar Description - CLVC16244AIDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com