Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE240U-1MP-N-R Datasheet(PDF) 35 Page - Phihong USA Inc.

Part # POE240U-1MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-1MP-N-R Datasheet(HTML) 35 Page - Phihong USA Inc.

Back Button POE240U-1MP-N-R Datasheet HTML 31Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 32Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 33Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 34Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 35Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 36Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 37Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 38Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 39Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-35-
Figure 28: Set SNMP Protocol to contact remote SNMP agent
3. Click on the SNMP menu then Contact. If contact is successful, in the lower Query Results
window, it will display a message similar to this:
Welcome to MG-SOFT MIB Browser Professional SNMPv3 Edition
Remote address: phihong-123456 port: 161 transport: IP/UDP
Local address: 192.168.31.124 port: 1301 transport: IP/UDP
Protocol version: SNMPv2c
1: sysUpTime.0 (TimeTicks) 0 days 02h:28m:06s.59th (888659)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com