Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE240U-1MP-N-R Datasheet(PDF) 28 Page - Phihong USA Inc.

Part # POE240U-1MP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE240U-1MP-N-R Datasheet(HTML) 28 Page - Phihong USA Inc.

Back Button POE240U-1MP-N-R Datasheet HTML 24Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 25Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 26Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 27Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 28Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 29Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 30Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 31Page - Phihong USA Inc. POE240U-1MP-N-R Datasheet HTML 32Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-28-
4.2
Phihong Midspan MIB
The following table shows the OID, Name, Type, Value, and Description of Phihong Midspan MIB.
Phihong USA Corp. registered PEN (Private Enterprise Number) is 1.3.6.1.4.1.24852
SNMP Version: SNMPv2c (Simple Network Management Protocol Version 2 Community-based) TCP,
UDP Port: 161.
OID
Name
Type
Value
Descrip-
tion
phihong.poe.product (1.3.6.1.4.1.24852.1)
1.3.6.1.4.1.24852.1.1.1
name
Read-
Only
DisplayString
Display the
name of
this MID
(Phihong
SNMP MIB)
1.3.6.1.4.1.24852.1.1.2
version
Read-
Only
DisplayString
Display
the current
Phihong
Midspan
firmware
version
1.3.6.1.4.1.24852.1.1.3
date
Read-
Only
DisplayString
Display
the date
when the
current MIB
updated
phihong.poe.snmp (1.3.6.1.4.1.24852.1.2)
1.3.6.1.4.1.24852.1.2.2
snmpAgentReadOnlyCommunity
Read-
Write
DisplayString
SNMP
community
string tor
Read
1.3.6.1.4.1.24852.1.2.3
snmpAgentReadWriteCommunity
Read-
Write
DisplayString
SNMP
community
string for
Write
1.3.6.1.4.1.24853.1.2.4
snmpTrapHost
Read-
Write
DisplayString
The IP of
Host to
receive Trap
1.3.6.1.4.1.24852.1.2.5
snmpTrapcommunity
Read-
Write
DisplayString
SNMP
Community
string for
trap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com