Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CPWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV5633CPWRG4
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5633CPWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV5633CPWRG4 Datasheet HTML 1Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
Interface
Control
4-Bit
DAC MSW
Holding
Latch
A(0,1)
CS
WE
OUT
Power-On
Reset
x2
4
5-Bit
Control
Latch
5
Powerdown
and Speed
Control
2
Voltage
Bandgap
PGA With
Output Enable
12-Bit
DAC
Register
12
12
REF
AGND
DVDD
LDAC
2
8-Bit
DAC LSW
Holding
Latch
8
8
4
D(0-7)
PWR
SPD
AVDD
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
Terminal Functions
TERMINAL
I/O/P
DESCRIPTION
NAME
NO.
A1, A0
7, 8
I
Address input
AGND
14
P
Ground
AVDD
11
P
Positive power supply (analog part)
CS
18
I
Chip select. Digital input active low, used to enable/disable inputs
D0-D1
19, 20
I
Data input
D2-D7
1-6
I
Data input
DVDD
10
P
Positive power supply (digital part)
LDAC
16
I
Load DAC. Digital input active low, used to load DAC output
OUT
13
O
DAC analog voltage output
PWR
15
I
Power down. Digital input active low
REF
12
I/O
Analog reference voltage input/output
SPD
9
I
Speed select. Digital input
WE
17
I
Write enable. Digital input active low, used to latch data
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com