Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CPWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV5633CPWRG4
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5633CPWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLV5633CPWRG4 Datasheet HTML 1Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV5633CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage (DVDD, AVDD to AGND)
7 V
Supply voltage difference range, AVDD - DVDD
-2.8 V to 2.8 V
Reference input voltage range
-0.3 V to VDD + 0.3 V
Digital input voltage range
-0.3 V to VDD + 0.3 V
TLV5633C
0°C to 70°C
Operating free-air temperature range, TA
TLV5633I
-40°C to 85°C
Storage temperature range, Tstg
-65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
5-V operation
4.5
5
5.5
V
Supply voltage, DVDD, AVDD
3-V operation
2.7
3
3.3
V
Supply voltage difference,
∆ V
DD = AVDD - DVDD
0
0
0
V
Power on reset voltage, POR
0.55
2
V
DVDD = 2.7 V
2
High-level digital input voltage, VIH
V
DVDD = 5.5 V
2.4
DVDD = 2.7 V
0.6
Low-level digital input voltage, VIL
V
DVDD = 5.5 V
1
Reference voltage, Vref to REF terminal (5-V supply) (1)
AGND
2.048
AVDD-1.5
V
Reference voltage, Vref to REF terminal (3-V supply) (1)
AGND
1.024
AVDD-1.5
V
Load resistance, RL
2
k
Ω
Load capacitance, CL
100
pF
TLV5633C
0
70
Operating free-air temperature, TA
°C
TLV5633I
-40
85
(1)
Due to the x2 output buffer, a reference input voltage
≥ AV
DD/2 causes clipping of the transfer function. The output buffer of the internal
reference must be disabled, if an external reference is used.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com