Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32413 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIP32413 Datasheet HTML 3Page - Vishay Siliconix SIP32413 Datasheet HTML 4Page - Vishay Siliconix SIP32413 Datasheet HTML 5Page - Vishay Siliconix SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix SIP32413 Datasheet HTML 10Page - Vishay Siliconix SIP32413 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SiP32413, SiP32414, SiP32416
Vishay Siliconix
Document Number: 71437
S11-2472-Rev. B, 19-Dec-11
www.vishay.com
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Figure 17 - CNTRL Threshold Voltage vs. Input Voltage
Figure 19 - SiP32413 and SiP32414 Rise Time
vs. Temperature
Figure 21 - SiP32416 Turn-On Delay Time vs. Temperature
V
IN (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IH
V
IL
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Temperature (°C)
130
140
150
160
170
180
190
200
210
220
- 40
- 20
0
20
40
60
80
100
V
IN = 5 V
C
L = 0.1 µF
R
L = 10 Ω
SiP32413, SiP32414
Temperature (°C)
- 40
- 20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
IN = 5 V
C
L = 0.1 µF
R
L = 10 Ω
Figure 18 - SiP32413 and SiP32414 Turn-On Delay Time
vs. Temperature
Figure 20 - SiP32413 and SiP32414 Turn-Off Delay Time
vs. Temperature
Figure 22 - SiP32416 Rise Time vs. Temperature
Temperature (°C)
60
70
80
90
100
110
120
130
140
150
160
- 40
- 20
0
20
40
60
80
100
V
IN = 5 V
C
L = 0.1 µF
R
L = 10 Ω
SiP32413, SiP32414
Temperature (°C)
0.10
0.12
0.14
0.16
0.18
0.20
0.22
- 40
- 20
0
20
40
60
80
100
V
IN = 5 V
C
L = 0.1 µF
R
L = 10 Ω
SiP32413, SiP32414
Temperature (°C)
- 40
- 20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
IN = 5 V
C
L = 0.1 µF
R
L = 10 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com