Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32413 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP32413 Datasheet HTML 1Page - Vishay Siliconix SIP32413 Datasheet HTML 2Page - Vishay Siliconix SIP32413 Datasheet HTML 3Page - Vishay Siliconix SIP32413 Datasheet HTML 4Page - Vishay Siliconix SIP32413 Datasheet HTML 5Page - Vishay Siliconix SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 71437
S11-2472-Rev. B, 19-Dec-11
Vishay Siliconix
SiP32413, SiP32414, SiP32416
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Figure 2 - TDFN8 2 mm x 2 mm Package
8
7
6
5
1
2
3
4
OUT1
GND
GND
OUT2
IN1
CNTRL1
CNTRL2
IN2
Bottom View
PIN DESCRIPTION
Pin Number
Name
Function
1
IN1
This is the input pin of the switch side 1
2
CNTRL1
This is the control pin of the switch side 1
3
CNTRL2
This is the control pin of the switch side 2
4
IN2
This is the input pin of the switch side 2
5
OUT2
This is the output pin of the switch side 2
6
GND
Ground connection
7
GND
Ground connection
8
OUT1
This is the output pin of the switch side 1
TRUTH TABLE SiP32413
CNTRL1
CNTRL2
SW1
SW2
00
ON
OFF
0
1
ON
ON
10
OFF
OFF
11
OFF
ON
TRUTH TABLE SiP32414, SiP32416
CNTRL1
CNTRL2
SW1
SW2
00
OFF
OFF
01
OFF
ON
10
ON
OFF
1
1
ON
ON
Figure 3 - Quiescent Current vs. Input Voltage
V
IN (V)
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 4 - Quiescent Current vs. Temperature
Temperature (°C)
- 40
- 20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
90
V
IN = 5 V
V
IN = 3.6 V
V
IN = 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com