Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2303ASAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2303ASAL
Description  DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2303ASAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2303ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD2303A/ALD2303
Advanced Linear Devices
3 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
SATURATION VOLTAGE vs.
SINK CURRENT
OUTPUT SINK CURRENT (mA)
0
1530
4560
75
1.5
1.2
0.9
0.6
0.3
0.0
VS = ±2.5V
-55°C
25°C
-25°C
85°C
125°C
TIM E (µs)
0
1
2
4
3
6
5
7
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
0
100
0.0
-2.5
≈
≈
TTL
5mV
10mV
20mV
50mV
TA = 25°C
VS = ±2.5V
50K
0V
VIN
V+
V-
VOUT
+
-
TRANSFER FUNCTION
DIFFERENTIAL INPUT VOLTAGE (mV)
+6.0
-6.0
0.0
+2.5
0.0
-2.5
TA = 25°C
VS = ±6V
RL = 50K
COMMON - MODE VOLTAGE REFERRED
TO SUPPLY VOLTAGE
TEMPERATURE (°C)
0.5
V+
-0.5
-1.0
0.5
V-
-0.5
-55
-25
0
25
50
125
100
75
≈
≈
VS = ± 2.5 V
TIM E (µs)
0
1
2
4
36
57
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
100
0
0.0
-2.5
≈
≈
TTL
10mV
TA = 25°C
VS = ±2.5V
50K
0V
VIN
V+
V-
VOUT
+
-
SATURATION VOLTAGE
vs. TEMPERATURE
TEM PERATURE (°C)
-55
-25
0
25
50
125
100
75
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VS = ± 2.5V
I SINK = 50mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com