Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2303ASAL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD2303ASAL
Description  DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2303ASAL Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD2303ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2303ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD2303A/ALD2303
Advanced Linear Devices
6 of 9
Design & Operating Notes:
1. In order to minimize stray oscillation, all unused inputs must be tied to ground.
2. The input bias and offset currents are essentially input protection diode reverse bias leakage currents, and are typically less than 1pA at room
temperature. These currents are a function of ambient temperature, and would have to be considered in applications where very high source
impedance or high accuracy are involved.
3. The high output sinking current of 60mA for each output offers flexibility in many applications, as a separate buffer or driver would not be
necessary to drive the intended load. However, as the circuit normally operates close to ambient temperature due to its very low power
consumption, thermal effects caused by large output current transients must be considered in certain applications.
PUSH-PULL COMPLEMENTARY POWER MOSFET DRIVER
This circuit eliminates crossover current in the
complementary power transistors. The outputs can
be used to source and sink different loads or tied
together to provide push-pull drive of the same load.
R ≥ 50 KΩ
+
+
+12V
+12V
+12V
P- Channel VP 02
Power MOSFET
2A Source
2A Sink
N - Channel VN 01
Power MOSFET
+12V
10K
40K
10K
V1
V2
VIN
ALD2303
R
R
TIME DELAY GENERATOR
+
RF4
V3
1/2 ALD2303
1/2 ALD2303
RF3
RF2
V+
RF1
+
1/2 ALD2303
V2
+
1/2 ALD2303
V1
RT
CT
+
50KΩ
VIN
V+
VREF
TYPICAL APPLICATIONS (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com