Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2332ASAL Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD2332ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2332ASAL Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD2332ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ALD2332A/ALD2332B/ALD2332
Advanced Linear Devices
5 of 11
COMMON MODE REJECTION RATIO
vs. TEMPERATURE
-55
-25
0
25
50
125
100
75
85.0
80.0
75.0
70.0
90.0
65.0
60.0
AMBIENT TEMPERATURE (°C)
V
+
= +5V
RL = 5.1KΩ
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES
TIME (µS)
50mV
20mV
10mV
5mV 2mV
1mV
V
+
= +5V
RL = 5.1KΩ
Input Step
CL = 15pF
TA = 25
0C
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES
-1.0
6.0
2.0
0.0
1.0
3.0
4.0
5.0
0.0 0.3 0.6
0.9
1.2 1.5
1.8
2.1 2.4 2.7
3.0
TIME (µS)
TA = 25
0C
V
+
= +5V
1mV
2mV
5mV
10mV
20mV
50mV
RL = 5.1KΩ
CL = 15pF
Input Step
POWER SUPPLY REJECTION RATIO
vs.TEMPERATURE
AMBIENT TEMPERATURE (0C)
-55
-25
0
25
50
100
125
75
90.0
85.0
70.0
80.0
75.0
65.0
60.0
V
+
= +5V
RL = 5.1KΩ
TYPICAL PERFORMANCE CHARACTERISTICS (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com