Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2332ASAL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD2332ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2332ASAL Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD2332ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 9Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ALD2332A/ALD2332B/ALD2332
Advanced Linear Devices
6 of 11
TYPICAL APPLICATIONS
DOUBLE DUAL LIMIT WINDOW COMPARATOR
+
+
+10V
+10V
+
+
+10V
50K
1K
50K
VH2
VH1
VL1
VL2
VIN
+10V
+10V
ZERO CROSSING DETECTOR
+
+3V
-5V
VOUT
VIN
50K
+
+5V
+5V
VREF
VIN
MULTIPLE RELAY DRIVE
+5
5VRELAY
+
-
+5
VIN
VR
PRECISION SINGLE SUPPLY VOLTAGE
COMPARATOR WITH DIRECT RELAY DRIVER
PRECISION SINGLE SUPPLY VOLTAGE
COMPARATOR WITH DIRECT RELAY DRIVER
+
-
5VRELAY
-5
+5
VIN+
1K
VIN-
VL1 and VH1 first limit window send warning
VL2 and VH2 second limit window execute
system cutoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com