Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110A Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETE110A
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110A Datasheet(HTML) 4 Page - Texas Instruments

  TNETE110A Datasheet HTML 1Page - Texas Instruments TNETE110A Datasheet HTML 2Page - Texas Instruments TNETE110A Datasheet HTML 3Page - Texas Instruments TNETE110A Datasheet HTML 4Page - Texas Instruments TNETE110A Datasheet HTML 5Page - Texas Instruments TNETE110A Datasheet HTML 6Page - Texas Instruments TNETE110A Datasheet HTML 7Page - Texas Instruments TNETE110A Datasheet HTML 8Page - Texas Instruments TNETE110A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ThunderLAN
™ TNETE110A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS022A – APRIL 1996 – REVISED NOVEMBER 1996
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram
EXLE
EALE
EOE
PFRAME
PTRDY
PIRDY
PSTOP
PDEVSEL
PIDSEL
PCI
Interface
(PCIIF)
Test-Access
Port
(TAP)
Config
& I/O
Memory
Registers
Config
EEPROM
Interface
BIOS
ROM / LED
Driver
Interface
DMA
Controller
S
l
a
v
e
M
a
s
t
e
r
FIFO
Pointer
Registers
(FPREGs)
FSRAM
(FIFO SRAM)
3
 128
Byte List
1.5K-Byte
Rx Buffer
0.75K-Byte
Tx Buffer
0.75K-Byte
Tx Buffer
PCLK
PCLKRUN
PRST
PINTA
PPERR
PSERR
PREQ
PGNT
PAD[31:0]
PC/BE[3:0]
EDCLK
EDIO
EAD[7:0]
64
64
Protocol
Handler
(PH)
10-Mbps
Ethernet
Physical
Layer
(PHY)
Interface
AXMTP
AXMTN
ARCVP
ARCVN
ACOLP
ACOLN
FXMTP
FXMTN
FRCVP
FRCVN
FXTL1
FXTL2
FIREF
FATEST
TRST
TMS
TCLK
TDO
TDI
TNETE110A
( ThunderLAN)
PPAR
Address
and Data
BIOS ROM
and
LED I/F
Interface
Control
Error
Reporting
IEEE
1149.1
Test-
Access
Port
Configuration
EEPROM
Interface
Bus
Arbitration
System
Control
10 Base-T
Interface
AUI
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com