Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110A Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETE110A
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETE110A Datasheet HTML 10Page - Texas Instruments TNETE110A Datasheet HTML 11Page - Texas Instruments TNETE110A Datasheet HTML 12Page - Texas Instruments TNETE110A Datasheet HTML 13Page - Texas Instruments TNETE110A Datasheet HTML 14Page - Texas Instruments TNETE110A Datasheet HTML 15Page - Texas Instruments TNETE110A Datasheet HTML 16Page - Texas Instruments TNETE110A Datasheet HTML 17Page - Texas Instruments TNETE110A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ThunderLAN
™ TNETE110A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS022A – APRIL 1996 – REVISED NOVEMBER 1996
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(physical interface pins) (continued)
crystal-oscillator characteristics
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSB(FXTL1) Input self-bias voltage
VIB
1.7
2.8
V
IOH(FXTL2)
High-level output current
IOH
V(FXTL2) = VSB(FXTL1)
V(FXTL1) = VSB(FXTL1) + 0.5 V
– 1.3
– 5.0
mA
IOL(FXTL2)
Low-level output current
IOL
V(FXTL2) = VSB(FXTL1)
V(FXTL1) = VSB(FXTL1) – 0.5 V
– 0.4
1.5
mA
PARAMETER MEASUREMENT INFORMATION
Outputs are driven to a minimum high-logic level of 2.4 V and to a maximum low-logic level of 0.6 V. These levels
are compatible with TTL devices.
Output transition times are specified as follows: For a high-to-low transition on either an input or output signal,
the level at which the signal is said to be no longer high is 2 V and the level at which the signal is said to be low
is 0.8 V. For a low-to-high transition, the level at which the signal is said to be no longer low is 0.8 V and the level
at which the signal is said to be high is 2 V, as shown below.
The rise and fall times are not specified but are assumed to be those of standard TTL devices, which are typically
1.5 ns.
0.8 V (low)
2 V (high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com