Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110APGE Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETE110APGE
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110APGE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETE110APGE Datasheet HTML 4Page - Texas Instruments TNETE110APGE Datasheet HTML 5Page - Texas Instruments TNETE110APGE Datasheet HTML 6Page - Texas Instruments TNETE110APGE Datasheet HTML 7Page - Texas Instruments TNETE110APGE Datasheet HTML 8Page - Texas Instruments TNETE110APGE Datasheet HTML 9Page - Texas Instruments TNETE110APGE Datasheet HTML 10Page - Texas Instruments TNETE110APGE Datasheet HTML 11Page - Texas Instruments TNETE110APGE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ThunderLAN
™ TNETE110A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS022A – APRIL 1996 – REVISED NOVEMBER 1996
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
NETWORK INTERFACE (10 Base-T AND AUI) (CONTINUED)
FXMTP
FXMTN
97
98
A
10 Base-T transmit pair. FXMTP and FXMTN are differential line transmitter outputs.
RESERVED
120
I
Reserved. Tie this pin low.
SERIAL MANAGEMENT INTERFACE
MDIO
93
I/O
Management data I/O. MDIO is part of the serial management interface.
MDCLK
91
O
Management data clock. MDCLK is part of the serial management interface to physical-media
independent (PMI)/PHY chip.
MRST
95
O
MII reset. MRST is the reset signal.
POWER
VDDI
6, 14,
34, 48,
122,
136,
142
PWR
PCI VDD pins. VDDI pins provide power for the PCI I/O pin drivers. Connect VDDI pins to a 5-V power
supply when using 5-V signals on the PCI bus. Connect VDDI pins to a 3-volt power supply when using
3-V signals on the PCI bus.
VDDL
22, 37,
58, 70,
79, 84
94,
130
PWR
Logic VDD pins (5 V). VDDL pins provide power for internal TNETE110A logic, and they should always
be connected to 5 V.
VDDOSC
115
PWR
Analog power pin. VDDOSC is the 5-V power for the crystal oscillator circuit.
VDDR
104
107
PWR
Analog power pin. VDDR is the 5-V power for the receiver circuitry.
VDDT
96
PWR
Analog power pin. VDDT is the 5-V power for the transmitter circuitry.
VDDVCO
117
PWR
Analog power pin. VDDVCO is the 5-V power for the voltage controller oscillator (VCO) and filter input.
VSSI
3, 10,
26, 31,
40, 52,
67, 88,
127,
139
PWR
PCI I / O ground pins
VSSL
18, 44,
63, 75,
92,
133
PWR
Logic ground pins
VSSOSC
112
PWR
Analog power pin. Ground for crystal oscillator circuit
VSSR
102
110
PWR
Analog power pin. Ground for receiver circuitry
VSST
101
PWR
Analog power pin. Ground for transmitter circuitry
VSSVCO
119
PWR
Analog power pin. Ground for VCO and filter input
† I = input, A = analog, PWR = power
architecture
The major blocks of the TNETE110A include the PCI interface (PCIIF), protocol handler (PH), physical layer
(PHY), FIFO pointer registers (FPREGS), FIFO SRAM (FSRAM), and a test-access port (TAP). The
functionality of these blocks is described in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com