Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110APGE Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETE110APGE
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110APGE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETE110APGE Datasheet HTML 9Page - Texas Instruments TNETE110APGE Datasheet HTML 10Page - Texas Instruments TNETE110APGE Datasheet HTML 11Page - Texas Instruments TNETE110APGE Datasheet HTML 12Page - Texas Instruments TNETE110APGE Datasheet HTML 13Page - Texas Instruments TNETE110APGE Datasheet HTML 14Page - Texas Instruments TNETE110APGE Datasheet HTML 15Page - Texas Instruments TNETE110APGE Datasheet HTML 16Page - Texas Instruments TNETE110APGE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ThunderLAN
™ TNETE110A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS022A – APRIL 1996 – REVISED NOVEMBER 1996
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
recommended operating conditions (physical layer pins) (see Note 8)
MIN
NOM
MAX
UNIT
VDD Supply voltage
4.75
5
5.25
V
NOTE 8: Physical layer pins include VDDOSC, VDDR, VDDT, VDDVCO, ACOLN, ACOLP, ARCVN, ARCVP, AXMTP, AXMTN, FATEST, FIREF,
FRCVN, FRCVP, FXTL1, FXTL2, FXMTP, and FXMTN.
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(physical interface pins)
10 Base-T receiver input (FRCVP, FRCVN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VI(DIFF) Differential input voltage†
VID
0.6
2.8
V
I(CM)
Common-mode current†
IIC
4
mA
VSQ+
Rising input pair squelch threshold (see Note 9)
VCM = VSB,
See Note 10
360
mV
VSQ–
Falling input pair squelch threshold (see Note 9)
VCM = VSB,
See Note 10
– 360
mV
† See recommended operating conditions.
NOTES:
9. VSQ is the voltage at which input is assured to be seen as data.
10. VSB is the self-bias of the input FRCVP and FRCVN.
10 Base-T transmitter drive characteristics (FXMTP, FXMTN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSLW
Differential voltage at specified slew rate
VOD(SLEW)
"2.2
"2.8
V
VO(CM)
Common-mode output voltage
VOC
See Figure 3d
0
4
V
VO(DIFF)
Differential output voltage
VOD
Into open circuit
5.25
V
VO(I)
Output idle differential voltage
VOD(IDLE)
"50
mV
IO(FC)
Output current, fault condition‡
IO(FC)
300
mA
‡ Specified by design
AUI receiver input (ARCVP, ARCVN, ACOLP, ACOLN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VI(DIFF)1 Differential input voltage 1†
VID(1)
See Note 11
0
3
V
VI(DIFF)2 Differential input voltage 2†
VID(2)
See Note 12
0
100
mV
V(SQ)
Falling input pair squelch threshold
See Note 13
– 325
mV
† See recommended operating conditions.
NOTES: 11. Common-mode frequency range – 10 Hz to 40 kHz
12. Common-mode frequency range – 40 kHz to 10 MHz
13. Input bias over the common mode dc voltage range
AUI transmitter drive characteristics (AXMTP, AXMTN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VO(DIFF)1
Differential output voltage‡
VOD(1)
See Note 14
"240 "1300
mV
VOI(DIFF)
Output idle differential voltage†
VOD(IDLE)
"50
mV
VOI(DIFF)U
Output differential undershoot‡
VOD(IDLE)U
100
mV
IO(FC)
Output current, fault condition‡
IO(FC)
150
mA
† See recommended operating conditions.
‡ Specified by design
NOTE 14: The differential voltage is measured as per Figure 3b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com