Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2687EBRIZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM2687EBRIZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2687EBRIZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM2687EBRIZ Datasheet HTML 4Page - Analog Devices ADM2687EBRIZ Datasheet HTML 5Page - Analog Devices ADM2687EBRIZ Datasheet HTML 6Page - Analog Devices ADM2687EBRIZ Datasheet HTML 7Page - Analog Devices ADM2687EBRIZ Datasheet HTML 8Page - Analog Devices ADM2687EBRIZ Datasheet HTML 9Page - Analog Devices ADM2687EBRIZ Datasheet HTML 10Page - Analog Devices ADM2687EBRIZ Datasheet HTML 11Page - Analog Devices ADM2687EBRIZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Evaluation Board User Guide
UG-317
Rev. 0 | Page 9 of 12
ORDERING INFORMATION
BILL OF MATERIALS
Table 3.
Quantity
Reference Designator
Description
Supplier
Part No.
4
R1, R2, R3, R4
Resistor, size 0805 (not inserted)
Not inserted
Not inserted
1
R6
Resistor, 0 Ω, size 0805
Vishay Draloric
CRCW08050000Z0EA
1
RT
Resistor, 120 Ω, size 0805
Multicomp
MC 0.1W 0805 1%
1
RT1
Resistor, size 0805 (not inserted)
Not inserted
Not inserted
2
C1, C9
Capacitor, size 0805, 10 μF
AVX
0805ZD106KAT2A
4
C2, C6, C7, C8
Capacitor, size 0805, 100 nF
Multicomp
MCCA000274
1
C3
Capacitor, tantalum, Case C, 22 μF
AVX
TAJC226K016RNJ
2
C4, C5
Capacitor, size 0805, 10 nF
AVX
08053C103KAT2A
1
C10
Capacitor, size 0805 (not inserted)
Not inserted
Not inserted
1
J1
CON\POWER, 2-pin terminal block (5 mm pitch)
Camden Electronics
CTB5000/2
2
J2, J3
PCB SMB jack (square)
Multicomp
24-14-2-TGG
1
J4
CON\POWER6, 6-pin terminal block
Camden Electronics
CTB5000/6
1
J8
CON\POWER4, 4-pin terminal block
Camden Electronics
CTB5000/4
2
LK1, LK4
4-pin (2 × 2), 2.54 mm header and shorting block
Harwin
M20-9953646 and
M7566-05
1
LK2
8-pin (4 × 2), 2.54 mm header and shorting block
Harwin
M20-9953646 and
M7566-05
1
LK3
6-pin (3 × 2), 2.54 mm header and shorting block
Harwin
M20-9953646 and
M7566-05
2
LK5, LK6
2-pin (1 × 2), 2.54 mm header and shorting block
Harwin
M20-9953646 and
M7566-05
1
U1
16-lead, wide body SOIC with increased creepage
Analog Devices
ADM2682EBRIZ or
ADM2687EBRIZ
2
GND1, GND2
Test point, black
Vero Technologies
20-2137
2
VCC, VISO
Test point, red
Vero Technologies
20-313137
8
RXD, RE, DE, TXD, A, B, Z, Y
Test point, yellow
Vero Technologies
20-313140
RELATED LINKS
Resource
Description
ADM2682E
16 Mbps, 5 kV rms Signal and Power Isolated RS-485 Transceiver with ±15 kV ESD Protection
ADM2687E
500 kbps, 5 kV rms Signal and Power Isolated RS-485 Transceiver with ±15 kV ESD Protection
AN-960
RS-485/RS-422 Circuit Implementation Guide
AN-0971
Recommendations for Control of Radiated Emissions with isoPower Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com