Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2687EBRIZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM2687EBRIZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2687EBRIZ Datasheet(HTML) 3 Page - Analog Devices

  ADM2687EBRIZ Datasheet HTML 1Page - Analog Devices ADM2687EBRIZ Datasheet HTML 2Page - Analog Devices ADM2687EBRIZ Datasheet HTML 3Page - Analog Devices ADM2687EBRIZ Datasheet HTML 4Page - Analog Devices ADM2687EBRIZ Datasheet HTML 5Page - Analog Devices ADM2687EBRIZ Datasheet HTML 6Page - Analog Devices ADM2687EBRIZ Datasheet HTML 7Page - Analog Devices ADM2687EBRIZ Datasheet HTML 8Page - Analog Devices ADM2687EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Evaluation Board User Guide
UG-317
Rev. 0 | Page 3 of 12
EVALUATION BOARD HARDWARE CONFIGURATION
TEST SETUP
The ADM2682E/ADM2687E evaluation board is shown
in Figure 2 with the default jumper settings on LK1 through
LK4 (driver and receiver enabled), power connection on J1,
input signal connection on J2, and probes attached to RXD,
TXD, Y, and Z for a loopback test (LK5 and LK6 are closed
to connect A to Y and B to Z).
JUMPER SETTINGS
The inputs to the ADM2682E/ADM2687E can be configured
using the jumpers on the evaluation board (see Table 1). Note
that multiple jumper blocks should not be placed on LK1 to
LK4 because the input sources may be shorted together. For
each link, a single jumper block can be moved from one posi-
tion to another, as specified in Table 1.
A
B
C
A
B
A
B
A
B
C
D
RXD
RE
DE
TXD
RXD
RXD
RE
DE
TXD
A
B
Z
Y
TXD
A
B
Z
Y
LK6
GND1
SHIELD
GND2
VCC
LK1
J3
J2
J1
J4
LK2
LK3
LK4
VISO
LK5
EVAL-ADM2682E_87EEBZ
OSCILLOSCOPE
SIGNAL
GENERATOR
3.3V OR 5V
POWER
SUPPLY
Figure 2. Basic Operation of the Evaluation Board for the ADM2682E/ADM2687E Isolated RS-485 Transceivers
Table 1. Jumper Configuration
Link
Connection
Description
LK1
A
Connects the receiver output (RxD) of the ADM2682E/ADM2687E to the J3 connector.
B
Connects the receiver output (RxD) of the ADM2682E/ADM2687E to the J8-1 terminal block connector.
LK2
A
Connects the receiver enable input (RE) of the
/
to VCC. This setting disables the receiver.
ADM2682E ADM2687E
B
Connects the receiver enable input (RE) of the
/
to GND1. This setting enables the receiver.
ADM2682E ADM2687E
C
Connects the receiver enable input (RE) of the
/
to the J8-2 terminal block connector.
ADM2682E ADM2687E
D
Connects the receiver enable input (RE) of the
/
to the driver enable input (DE); that is, the
input for both
ADM2682E ADM2687E
RE and DE is set by LK3. This setting ensures that when the driver is enabled, the receiver is
disabled, or when the driver is disabled, the receiver is enabled.
LK3
A
Connects the driver enable input (DE) of the ADM2682E/ADM2687E to VCC. This setting enables the driver.
B
Connects the driver enable input (DE) of the ADM2682E/ADM2687E to GND1. This setting disables the driver.
C
Connects the driver enable input (DE) of the ADM2682E/ADM2687E to the J8-3 terminal block connector.
LK4
A
Connects the driver input (TxD) of the ADM2682E/ADM2687E to the J8-4 terminal block connector.
B
Connects the driver input (TxD) of the ADM2682E/ADM2687E to the J2 connector.
LK5
Closed
Connects the ADM2682E/ADM2687E Receiver Input A to Driver Output Y. When LK5 and LK6 are both connected,
the evaluation board is configured for half-duplex operation.
Open
When LK5 and LK6 are both open, the evaluation board is configured for full-duplex operation.
LK6
Closed
Connects the ADM2682E/ADM2687E Receiver Input B to Driver Output Z. When LK5 and LK6 are both connected,
the evaluation board is configured for half-duplex operation.
Open
When LK5 and LK6 are both open, the evaluation board is configured for full-duplex operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com