Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520S Datasheet(PDF) 4 Page - Formosa MS

Part # RB520S
Description  200mA Surface Mount Small Signal Schottky Diodes-30V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RB520S Datasheet(HTML) 4 Page - Formosa MS

  RB520S Datasheet HTML 1Page - Formosa MS RB520S Datasheet HTML 2Page - Formosa MS RB520S Datasheet HTML 3Page - Formosa MS RB520S Datasheet HTML 4Page - Formosa MS RB520S Datasheet HTML 5Page - Formosa MS RB520S Datasheet HTML 6Page - Formosa MS RB520S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pinning information
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
RB520S
B
Suggested solder pad layout
Page 4
RB520S
Formosa MS
1
2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Dimensions in inches and (millimeters)
B
0.024 (0.60)
A
0.032 (0.80)
C
0.044 (1.10)
PACKAGE
SOD-523FL
A
C
B
Small Signal Schottky Diode
DS-221674
2008/02/10
2010/07/12
C
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com