Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520S Datasheet(PDF) 3 Page - Formosa MS

Part # RB520S
Description  200mA Surface Mount Small Signal Schottky Diodes-30V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

RB520S Datasheet(HTML) 3 Page - Formosa MS

  RB520S Datasheet HTML 1Page - Formosa MS RB520S Datasheet HTML 2Page - Formosa MS RB520S Datasheet HTML 3Page - Formosa MS RB520S Datasheet HTML 4Page - Formosa MS RB520S Datasheet HTML 5Page - Formosa MS RB520S Datasheet HTML 6Page - Formosa MS RB520S Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
RATING AND CHARACTERISTIC CURVES (RB520S)
CHARACTERISTICS
FIG.1-TYPICAL FORWARD
1mA
10mA
100mA
1uA
10uA
100uA
1000mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
FORWARD VOLTAGE,(V)
FIG.2 - TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE,(V)
Document ID
Issued Date
Revised Date
Revision
Page.
FIG.4- DERATING CURVE
AMBIENT TEMPERATURE,(°C)
(mounting on glass epoxy PCBs)
Ta=-25°C
Ta=25°C
Ta=75°C
Ta=125°C
1nA
10nA
100nA
1uA
10uA
100uA
1mA
DS-221674
2008/02/10
2010/07/12
C
7
0
10
1
5
10
15
20
25
30
35
REVERSE VOLTAGE,(V)
FIG.3-TYPICAL TERMINALS CAPACITANCE
100
f=1MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com