Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1040VL Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBR1040VL
Description  SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBR1040VL Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBR1040VL Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBR1040VL Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40V
1.0A
MBR1040VL
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrical identical standard JEDEC.
• High conductor
• In compliance with EU RoHS 2002/95/EC directives
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
Case : SOD-123FL, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.01 gram
Marking : RU
Polarity : Color band cathode
ABSOLUTE RATINGS
THERMAL CHARACTERISTICS
Note.1 Mounted with minimum recommended pad size, PC Board FR4.
PA RA M E TE R
S ym bol
V a lue
Uni t s
Re ve r s e V o l t age
V R
40
V
P eak Re ve r s e V o l t age
V RRM
40
V
A ver age R e c t i f i ed C ur r e nt
I O
1. 0
A
No n- r epet i t i ve P eak F o r w ar d S ur g e C ur r e nt at
t = 8. 3m s
I FS M
40
A
P A R A M E TE R
S ym bol
Va l ue
U ni t s
T he r m a l R e si st a nce , Junc t i on t o A m bi ent
R
θ JA
12 5
O C/ W
Junc t i on Te m per a t ur e
T J
12 5
O C
S t or age Te m per at ur e at Te m p = 2 5 OCT STG
- 55 t o 125
O C
ELECTRICAL CHARACTERISTICS
PARAMETER
Symbol
Test Condition
MIN.
TYP.
MAX.
Units
Reverse Breakdown Voltage
V(BR)
I R=500 uA
40
--
--
V
Reverse Current
I R
VR=40 V
--
--
450
uA
Forward Voltage
VF
I F=0.5A
I F=1.0A
--
--
0.34
0.36
V
Diode Capacitance
CT
VR=4V, f=1.0MHZ
--
--
150
pF


Similar Part No. - MBR1040VL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL Datasheet
94Kb / 3P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
MBR1040VL PANJIT-MBR1040VL_16 Datasheet
110Kb / 5P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
MBR1040VL_R1_00001 PANJIT-MBR1040VL_R1_00001 Datasheet
110Kb / 5P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
MBR1040VL_R2_00001 PANJIT-MBR1040VL_R2_00001 Datasheet
110Kb / 5P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
More results

Similar Description - MBR1040VL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL Datasheet
94Kb / 3P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Micro Commercial Compon...
MBR130LSF MCC-MBR130LSF Datasheet
339Kb / 3P
Low Forward Voltage Drop Schottky Barrier Diodes
MBRX120LF MCC-MBRX120LF Datasheet
337Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
MBRX120LSF MCC-MBRX120LSF Datasheet
318Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
MBRX120LF-TP MCC-MBRX120LF-TP Datasheet
351Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
logo
Pan Jit International I...
MBR1040VL PANJIT-MBR1040VL_16 Datasheet
110Kb / 5P
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
logo
Micro Commercial Compon...
MBR130LSF MCC-MBR130LSF_12 Datasheet
356Kb / 3P
Low Forward Voltage Drop Schottky Barrier Diodes
MBR140LSF MCC-MBR140LSF Datasheet
331Kb / 2P
Low Forward Voltage Drop Schottky Barrier Diodes
MBRX120LF MCC-MBRX120LF_13 Datasheet
351Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
MBRX120LSF MCC-MBRX120LSF_12 Datasheet
332Kb / 3P
Low Forward Volatge Drop Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com