Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1040VL Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBR1040VL
Description  SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBR1040VL Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBR1040VL Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBR1040VL Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
MBR1040VL
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL FORWARD CHARACTERISTIC
Fig.2- TYPICAL JUNCTION CHARACTERISTIC
Fig.3- TYPICAL REVERSE CHARACTERISTIC
LEAD TEMPERAURE, C
O
FORWARD VOLTAGE, mV
1.0
.50
0
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.B MOUNTED
ON 0.2 X
X
0.2"( 5.0 5.0mm)
COPPERPADAREAS
.25
.75
0
75
100
125
150
175
25
50
REVERSE VOLTAGE, VR(V)
0
10
2
10
1
10
3
10
4
10
5
10
6
20
40
60
25 C
O
75 C
O
125 C
O
1.0
100
200
300
400
500
600
10
10
2
10
3
10
4
25 C
O
75 C
O
125 C
O
010
10
100
1000
20
30
40
V , REVERSE VOLTAGE (VOLTS)
R
TJ=25 C
O
40V
1.0A
MBR1040VL
SURFACE MOUNT LOW FORWARD DROP SCHOTTKY BARRIER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com