Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM4EP72CJB Datasheet(PDF) 4 Page - Texas Instruments

Part # TM4EP72CJB
Description  EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM4EP72CJB Datasheet(HTML) 4 Page - Texas Instruments

  TM4EP72CJB Datasheet HTML 1Page - Texas Instruments TM4EP72CJB Datasheet HTML 2Page - Texas Instruments TM4EP72CJB Datasheet HTML 3Page - Texas Instruments TM4EP72CJB Datasheet HTML 4Page - Texas Instruments TM4EP72CJB Datasheet HTML 5Page - Texas Instruments TM4EP72CJB Datasheet HTML 6Page - Texas Instruments TM4EP72CJB Datasheet HTML 7Page - Texas Instruments TM4EP72CJB Datasheet HTML 8Page - Texas Instruments TM4EP72CJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TM4EP72BPB, TM4EP72BJB, 4194304 BY 72BIT
TM4EP72CPB, TM4EP72CJB 4194304 BY 72BIT
EXTENDEDDATAOUT BUFFERED DYNAMIC RAM MODULES
SMMS686A − AUGUST 1997 − REVISED FEBRUARY 1998
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
buffered dual-in-line memory module and components
The buffered dual-in-line memory module and components include:
D PC substrate: 1,27 " 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
D Bypass capacitors: Multilayer ceramic
D Contact area: Nickel plate and gold plate over copper
functional block diagram for the TM4EP72xxB
CAS
OE
W
RAS
U0
RAS0
WE0
OE0
CAS0
DQ[0:3]
CAS
OE
W
RAS
UB0
DQ[32:35]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U1
DQ[4:7]
CAS
OE
W
RAS
UB1
DQ[36:39]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U2
DQ[8:11]
CAS
OE
W
RAS
UB2
DQ[40:43]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U3
DQ[12:15]
CAS
OE
W
RAS
UB3
DQ[44:47]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U4
DQ[16:19]
CAS
OE
W
RAS
UB4
DQ[48:51]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U5
DQ[20:23]
CAS
OE
W
RAS
UB5
DQ[52:55]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U6
DQ[24:27]
CAS
OE
W
RAS
UB6
DQ[56:59]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U7
DQ[28:31]
CAS
OE
W
RAS
UB7
DQ[60:63]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U8
CB[0:3]
CAS
OE
W
RAS
UB8
CB[4:7]
DQ[0:3]
DQ[0:3]
A0
U[0:8]
B0
UB[0:8]
A[1:n]
A[1:n]: U[0:8], UB[0:8]
VDD
VSS
U[0:8], UB[0:8]
U[0:8], UB[0:8]
Two 0.1
µF (minimum)
per DRAM
RAS2
WE2
OE2
CAS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com